Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL02 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL02
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL02 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL02_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL02_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL02_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL02_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDL02
2
www.PDUKE.com
2014/04/30
PART NUMBER STRUCTURE
PDL02 - 48
S
05
H
Series Name
Input
Output
Output
Isolation
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
05: 4.5~9
S:Single
33: 3.3
: Standard type
12: 9~18
05: 5
1600VDC isolation
24:18~16
09: 9
H: 3000VDC isolation
48:36~75
12:12
15:15
D: Dual
05:
± 5
12:
±12
15:
±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
5
5
ms
Input surge voltage
100 ms, max.
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
15
36
50
100
VDC
Input reflected ripple current
With external input capacitors
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
400
150
380
170
mAp-p
Input filter (1)
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Ctrl pin applied current via 1k
DC-DC OFF
2
3
4
mA
Remote off input current
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
No Load to Full Load
Dual
-1.0
+1.0
%
Single
-0.5
+0.5
Load regulation
10% Load to 90% Full Load
Dual
-0.8
+0.8
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
500
µ
s
Short circuit protection
Continuous, automatics recovery


Similar Part No. - PDL02_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02-12D05 P-DUKE-PDL02-12D05 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL02-12D05 P-DUKE-PDL02-12D05 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL02-12D12 P-DUKE-PDL02-12D12 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL02-12D12 P-DUKE-PDL02-12D12 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL02-12D15 P-DUKE-PDL02-12D15 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - PDL02_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com