Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR01-12S3P3 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # NSR01-12S3P3
Description  NON-ISOLATION DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

NSR01-12S3P3 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  NSR01-12S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD NSR01-12S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD NSR01-12S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/04/30
NSR01 SERIES
NON-ISOLATION DC-DC CONVERTER
4.6~36VDC WIDE INPUT RANGE
FEATURES
APPLICATIONS
PIN_OUT COMPATIBLE WITH LM78XX LINEAR REGULATORS
NO MINIMUM LOAD REQUIRED
SMALL SIZE AND LOW PROFILE: 0.46 X 0.30 X 0.40 INCH
NEGATIVE OUTPUT APPLICATION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
MICROPROCESSOR POWER APPLICATION
NON
ISOLATION
OCP
SCP
OTP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Positive output application
Efficiency
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Min. Vin
Max. Vin
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
NSR01-12S1P5
4.6 ~ 36
1.5
1.0
77.0
66.5
NSR01-12S1P8
4.6 ~ 36
1.8
1.0
80.5
70.0
NSR01-12S2P5
4.6 ~ 36
2.5
1.0
83.5
75.5
NSR01-12S3P0
4.6 ~ 36
3.0
1.5
86.5
78.5
NSR01-12S3P3
4.6 ~ 36
3.3
1.5
87.5
79.5
NSR01-12S05
6.5 ~ 36
5.0
2.5
91.5
83.0
NSR01-12S6P5
8.0 ~ 36
6.5
3.0
93.0
86.0
NSR01-12S09
10.5 ~ 36
9.0
3.5
94.5
88.5
NSR01-24S12
13.5 ~ 36
12
2.5
95.0
91.5
NSR01-24S15
16.5 ~ 36
15
1
3.5
95.5
92.5
470
Negative output application
Efficiency
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Min. Vin
Max. Vin
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
NSR01-12S1P5
4.6 ~ 32
-1.5
-0.6
1.0
69.5
64.5
NSR01-12S1P8
4.6 ~ 32
-1.8
-0.6
1.0
72.0
67.5
NSR01-12S2P5
4.6 ~ 32
-2.5
-0.6
1.0
72.0
74.0
NSR01-12S3P0
4.6 ~ 32
-3.0
-0.6
2.0
73.0
76.5
NSR01-12S3P3
4.6 ~ 32
-3.3
-0.6
2.0
74.0
77.5
NSR01-12S05
4.6 ~ 31
-5.0
-0.4
3.0
79.5
78.5
NSR01-12S6P5
7.0 ~ 29
-6.5
-0.3
4.0
84.5
80.0
NSR01-12S09
7.0 ~ 27
-9.0
-0.3
7.0
85.0
82.0
NSR01-24S12
7.0 ~ 24
-12
-0.3
8.0
85.0
85.5
NSR01-24S15
7.0 ~ 21
-15
-0.2
10
85.5
84.5
470
PART NUMBER STRUCTURE
NSR01 - 12
S
05 -
A
Series Name
Input
Output
Output
Mounting
Voltage
Quantity
Voltage
Options
(VDC)
(VDC)
See table
S:Single
See table
:Vertical Mounting
A:Horizontal Mounting


Similar Part No. - NSR01-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
Lineage Power Corporati...
NSR010A0X4-49Z LINEAGEPOWER-NSR010A0X4-49Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4-49Z LINEAGEPOWER-NSR010A0X4-49Z Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR010A0X4-51Z LINEAGEPOWER-NSR010A0X4-51Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4-51Z LINEAGEPOWER-NSR010A0X4-51Z Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
More results

Similar Description - NSR01-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01_14 Datasheet
368Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Bel Fuse Inc.
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com