Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR01-12S1P8 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # NSR01-12S1P8
Description  NON-ISOLATION DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

NSR01-12S1P8 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  NSR01-12S1P8 Datasheet HTML 1Page - Power Mate Technology Co., LTD NSR01-12S1P8 Datasheet HTML 2Page - Power Mate Technology Co., LTD NSR01-12S1P8 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSR01
2
www.PDUKE.com
VER: 11
2014/04/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
Positive application
Negative application
See table
4.6
4.6
36
32
VDC
Start up time
Constant resistive load
Power up
5
ms
Rise time
Time for Vout rises from 10% to 90% of Vout
3.5
ms
Input filter
Capacitor type
Input reflected ripple current
100
mAp-p
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-2.0
+2.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
10% to 100% of Full Load
Vertical mounting
1.5Vout
-0.6
+0.6
Others
-0.4
+0.4
Horizontal mounting
1.5Vout, 1.8Vout
-1.2
+1.2
Others
-0.4
+0.4
%
Ripple and noise
Measured by 20MHz bandwidth
Vout
≦6.5VDC
Vout
≧9.0VDC
50
75
mVp-p
Temperature coefficient
-0.015
+0.015
%/
Dynamic load response
50% load step change
Peak deviation
150
mV
Recovery time
250
µ
s
Output start-up overshoot
+1
%
Over load protection
2
A
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching frequency
Vout
≦3.3VDC
Vout
≧5.0VDC
240
464
300
580
360
696
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Case material
Non-conducted black plastic
Potting material
Silicone (UL94 V-0)
Weight
1.9g (0.07oz)
MTBF
MIL-HDBK-217F, Full load
2.009 x 10
7 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
With derating
-40
+100
Over temperature protection
Internal IC junction
+170
Storage temperature range
-55
+125
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
CAUTION: This power module is not internally fused. An input line fuse must always be used.
APPLICATION CIRCUIT
Positive application
Negative application
C1 and C2 are required that should be fitted close to the converter’s pins.
Maximum capacitive load including C2 is 470µF.


Similar Part No. - NSR01-12S1P8

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
Lineage Power Corporati...
NSR010A0X4-49Z LINEAGEPOWER-NSR010A0X4-49Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4-49Z LINEAGEPOWER-NSR010A0X4-49Z Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR010A0X4-51Z LINEAGEPOWER-NSR010A0X4-51Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR010A0X4-51Z LINEAGEPOWER-NSR010A0X4-51Z Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
More results

Similar Description - NSR01-12S1P8

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01_14 Datasheet
368Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Bel Fuse Inc.
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com