Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOP06-05D12 Datasheet(PDF) 5 Page - Power Mate Technology Co., LTD

Part # MOP06-05D12
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MOP06-05D12 Datasheet(HTML) 5 Page - Power Mate Technology Co., LTD

  MOP06-05D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD MOP06-05D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD MOP06-05D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD MOP06-05D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD MOP06-05D12 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.PDUKE.com
2014/07/25
1.
All dimensions in Inch (mm)
2.
Tolerance:
X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ Vin
+ Vin
11
No pin
Common
12
-Vout
No pin
13
+Vout
-Vout
15
No pin
+Vout
23
- Vin
- Vin
24
- Vin
- Vin
B TYPE
1.
All dimensions in Inch (mm)
2.
Tolerance:
X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
CtrlL (Option) / No pin*
Ctrl (Option) / No pin*
2
- Vin
- Vin
10
Trim (Option) / No pin*
Trim (Option) / No pin*
11
No pin / NC **
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
* If don’t choose Ctrl or Trim option, there is
no pin on the corresponding pin number.
** Pin 11 is “No pin” for
MOP06-
□□S□□□B-T
MOP06-
□□S□□□B-PT
Pin 11 is “NC” for
MOP06-
□□S□□□B
MOP06-
□□S□□□B-P
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method
shown below. ( ) for dual output trim.
16(11)
10(10)
TRIM UP
RU
10(10)
14(14)
TRIM DOWN
RD


Similar Part No. - MOP06-05D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP06-05D12AB RSG-MOP06-05D12AB Datasheet
194Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - MOP06-05D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com