Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED15-48S12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # LED15-48S12W
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15-48S12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  LED15-48S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15-48S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15-48S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED15W
1
www.PDUKE.com
2014/04/30
LED15W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 15Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
2250VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:1.10 x 0.94 x 0.34 INCH
SURFACE-MOUNT OR THROUGH-HOLE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
LED15-24S3P3W
9 ~ 36
3.3
4000
60
85
12000
LED15-24S05W
9 ~ 36
5
3000
70
87
6000
LED15-24S12W
9 ~ 36
12
1300
10
86
1000
LED15-24S15W
9 ~ 36
15
1000
10
86
660
LED15-48S3P3W
18 ~ 75
3.3
4000
40
85
12000
LED15-48S05W
18 ~ 75
5
3000
40
87
6000
LED15-48S12W
18 ~ 75
12
1300
10
86
1000
LED15-48S15W
18 ~ 75
15
1000
10
86
660
PART NUMBER STRUCTURE
LED15 -
48
S
05
W -
A
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Input
Range
Option
24:
48:
9~36
18~75
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
4:1
:
A:
B:
C:
D:
E:
F:
G:
H:
I:
J:
K:
Negative logic remote ON/OFF with DIP(Standard)
Negative logic remote ON/OFF with SMT
Positive logic remote ON/OFF with DIP
Positive logic remote ON/OFF with SMT
DIP type without Ctrl pin
SMT type without Ctrl pin
DIP type, negative logic remote ON/OFF without Trim pin
SMT type, negative logic remote ON/OFF without Trim pin
DIP type without Ctrl & Trim pin
SMT type without Ctrl & Trim pin
DIP type, positive logic remote ON/OFF without Trim pin
SMT type, positive logic remote ON/OFF without Trim pin


Similar Part No. - LED15-48S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-48S12W P-DUKE-LED15-48S12W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
logo
Astrodyne Corporation
LED15-48S12W ASTRODYNE-LED15-48S12W Datasheet
595Kb / 4P
   Isolated and Regulated 15 Watt Open Frame DC/DC Converters
More results

Similar Description - LED15-48S12W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com