Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOP10W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # MOP10W
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MOP10W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  MOP10W_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD MOP10W_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD MOP10W_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD MOP10W_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD MOP10W_14 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2014/07/25
MOP10
MOP10W
SERIES
DC-DC CONVERTER
2:1 & 4:1 WIDE INPUT RANGE
UP TO 10.05 WATTS
FEATURES
APPLICATIONS
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
CLEARANCE AND CREEPAGE DISTANCE :6.6mm/2MOOP
3000VAC INPUT TO OUTPUT 2MOOP ISOLATION
BUILT-IN EMI CLASS A FILTER
2µA PATIENT LEAKAGE CURRENT
ANSI/AAMI ES60601-1, EN60601-1, IEC60601-1, UL60950-1, EN60950-1, & IEC60950-1
SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
MEDICAL EQUIPMENT
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
PV POWER SYSTEM
IGBT GATE DRIVER
3000VAC
ISOLATION
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MOP10-05S3P3A/B
4.5 ~9
3.3
2500
10
80
3000
MOP10-05S05A/B
4.5 ~9
5
2000
10
84
2500
MOP10-05S12A/B
4.5 ~9
12
830
20
86.5
430
MOP10-05S15A/B
4.5 ~9
15
670
20
87
350
MOP10-05S24A/B
4.5 ~9
24
416
20
85.5
125
MOP10-05D05A/B
4.5 ~9
±5
±1000
25
83
± 1440
MOP10-05D12A/B
4.5 ~9
±12
±416
25
85.5
± 250
MOP10-05D15A/B
4.5 ~9
±15
±333
25
86.5
± 180
MOP10-12S3P3A/B
9 ~ 18
3.3
2500
10
83
3000
MOP10-12S05A/B
9 ~ 18
5
2000
10
85.5
2500
MOP10-12S12A/B
9 ~ 18
12
830
10
88
430
MOP10-12S15A/B
9 ~ 18
15
670
10
89
350
MOP10-12S24A/B
9 ~ 18
24
416
10
89
125
MOP10-12D05A/B
9 ~ 18
±5
±1000
10
84
± 1440
MOP10-12D12A/B
9 ~ 18
±12
±416
10
89
± 250
MOP10-12D15A/B
9 ~ 18
±15
±333
10
88
± 180
MOP10-24S3P3A/B
18 ~ 36
3.3
2500
6
83
3000
MOP10-24S05A/B
18 ~ 36
5
2000
6
86.5
2500
MOP10-24S12A/B
18 ~ 36
12
830
6
89
430
MOP10-24S15A/B
18 ~ 36
15
670
6
89
350
MOP10-24S24A/B
18 ~ 36
24
416
6
89
125
MOP10-24D05A/B
18 ~ 36
±5
±1000
6
85
± 1440
MOP10-24D12A/B
18 ~ 36
±12
±416
6
89
± 250
MOP10-24D15A/B
18 ~ 36
±15
±333
6
88
± 180
MOP10-48S3P3A/B
36 ~ 75
3.3
2500
4
82.5
3000
MOP10-48S05A/B
36 ~ 75
5
2000
4
86.5
2500
MOP10-48S12A/B
36 ~ 75
12
830
4
89
430
MOP10-48S15A/B
36 ~ 75
15
670
4
89
350
MOP10-48S24A/B
36 ~ 75
24
416
4
88.5
125
MOP10-48D05A/B
36 ~ 75
±5
±1000
4
85
± 1440
MOP10-48D12A/B
36 ~ 75
±12
±416
4
88
± 250
MOP10-48D15A/B
36 ~ 75
±15
±333
4
88
± 180


Similar Part No. - MOP10W_14

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP10 RSG-MOP10 Datasheet
196Kb / 4P
   DC-DC CONVERTER
MOP10-05D05A RSG-MOP10-05D05A Datasheet
196Kb / 4P
   DC-DC CONVERTER
MOP10-05D12A RSG-MOP10-05D12A Datasheet
196Kb / 4P
   DC-DC CONVERTER
MOP10-05D15A RSG-MOP10-05D15A Datasheet
196Kb / 4P
   DC-DC CONVERTER
MOP10-05S05A RSG-MOP10-05S05A Datasheet
196Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - MOP10W_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com