Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE100-110S48W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # HAE100-110S48W
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE100-110S48W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  HAE100-110S48W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE100-110S48W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE100-110S48W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE100-110S48W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HAE100W
1
www.PDUKE.com
2014/04/30
HAE100W SERIES
HALF-BRICK DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 100Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
3000VAC REINFORCED INSULATION FOR 110VIN
2250VDC BASIC INSULATION FOR 24VIN AND 48VIN
UL60950-1, EN60950-1, IEC60950-1, & EN50155 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VAC
ISOLATION
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
HAE100-24S3P3W
9 ~ 36
3.3
25
20
91
75700
HAE100-24S05W
9 ~ 36
5
20
25
93
40000
HAE100-24S12W
8.5 ~ 36
12
8.4
25
90
7000
HAE100-24S15W
8.5 ~ 36
15
6.7
25
91
4460
HAE100-24S24W
8.5 ~ 36
24
4.2
25
90
1750
HAE100-24S28W
8.5 ~ 36
28
3.6
25
90
1280
HAE100-24S48W
8.5 ~ 36
48
2.1
35
90
430
HAE100-48S3P3W
16.5 ~ 75
3.3
25
15
91
75700
HAE100-48S05W
16.5 ~ 75
5
20
15
93
40000
HAE100-48S12W
16.5 ~ 75
12
8.4
20
90
7000
HAE100-48S15W
16.5 ~ 75
15
6.7
20
91
4460
HAE100-48S24W
16.5 ~ 75
24
4.2
20
90
1750
HAE100-48S28W
16.5 ~ 75
28
3.6
20
92
1280
HAE100-48S48W
16.5 ~ 75
48
2.1
25
91
430
HAE100-110S3P3W
43 ~ 160
3.3
25
10
87
75700
HAE100-110S05W
43 ~ 160
5
20
10
90
40000
HAE100-110S12W
43 ~ 160
12
8.4
10
90
7000
HAE100-110S15W
43 ~ 160
15
6.7
10
90
4460
HAE100-110S24W
43 ~ 160
24
4.2
10
90
1750
HAE100-110S28W
43 ~ 160
28
3.6
10
90
1280
HAE100-110S48W
43 ~ 160
48
2.1
10
91
430
PART NUMBER STRUCTURE
HAE100
- 48
S
05 W -
P
TH
HS
Series Name
Input
Output
Output
Input
Ctrl and
Through Hole
Assembly Option
Voltage
Quantity
Voltage
Range
Pin Option
Type
(1)
(VDC)
(VDC)
24:8.5~36 S:Single 3P3:3.3
4:1
:Negative logic,
: Thread
: No Heat-sink
9~36
05:5
0.200" pin length TH: No thread Heat-sink type:
48:16.5~75
12:12
L:Negative logic,
HS: Height H=0.45” vertical fin,
110:43~160
15:15
0.145" pin length
7G-0021A-F
24:24
P:Positive logic,
HS1: Height H=0.24” horizontal fin,
28:28
0.200" pin length
7G-0022A-F
48:48
S:Positive logic,
HS2: Height H=0.24” vertical fin,
0.145"pin length
7G-0023A-F
HS3: Height H=0.45” horizontal fin,
7G-0024A-F
Terminal block type
(2):
T:
Wall mounted
TF: Wall mounted with EMC filter
(3)
TF1: Wall mounted with EMC filter
can be connected to PE
(3)
(1) The module can’t equip Heat-sink with TH option.
(2) Terminal block type only for 0.200
" pin length.
(3) EMI filter meet EN55011, EN55022 Class A.


Similar Part No. - HAE100-110S48W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-12S05 P-DUKE-HAE100-12S05 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
HAE100-12S05 P-DUKE-HAE100-12S05 Datasheet
576Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-12S12 P-DUKE-HAE100-12S12 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
HAE100-12S12 P-DUKE-HAE100-12S12 Datasheet
576Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-12S15 P-DUKE-HAE100-12S15 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
More results

Similar Description - HAE100-110S48W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com