Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE150-24S12W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # HAE150-24S12W
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE150-24S12W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  HAE150-24S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE150-24S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE150-24S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE150-24S12W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HAE150W
3
www.PDUKE.com
2014/4/30
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating case temperature
Base-plate
-40
+115
Over temperature protection
+120
Storage temperature range
Terminal block type
Others
-40
-55
+105
+125
Thermal impedance (3)
Vertical direction by natural convection (20LFM)
Module without assembly option
Only mount on the iron base-plate
Heat-sink type with 0.24" Height
Heat-sink type with 0.45" Height
6.1
2.8
5.1
4.6
℃/W
Thermal shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (4)
EN55011, EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20V/m
Perf. Criteria A
Fast transient (5)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (5)
EN61000-4-5
EN55024 ±2kV and EN50155 ±2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Note:
1.
Input source impedance: The power modules will operate as specifications without external components, assuming that the source voltage has a
very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module.
Since real-world voltage source has finite impedance, performance can be improved by adding external filter capacitor.
The HAE150-24S
W and HAE150-48S
W recommended Nippon Chemi-con KY series, 100µF/100V.
The HAE150-110S
W recommended Ruby-con BXF series, 68µF/200V.
2.
(1)Multiple HAE150W series module can be synchronized together simply by connecting the module SYNC pins together. Care should be taken
to ensure the ground potential differences between modules are minimized.
(2)In this configuration all of the modules will be synchronized to the highest frequency module.
(3)Up to three modules can be synchronized using this technique.
(4)More relevant information in datasheet.
3.
(1)Thermal test condition with vertical direction by natural convection (20LFM).
(2)The iron base-plate dimension is 19” X 3.5” X 0.063” (The height is EIA standard 2U).
(3) The heat-sink is optional and P/N: 7G-0021A-F , 7G-0022A-F , 7G-0023A-F , 7G-0024A-F. Please refer to heat-sink selection guide.
4.
The HAE150W series standard module meets EN55011, EN55022 Class A and Class B with external components.
5.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The HAE150-24S
W and HAE150-48S
W recommended 2 pcs of aluminum electrolytic capacitor (Nippon Chemi-con KY series,
220µF/100V) to connect in parallel.
The HAE150-110S
W recommended 3 pcs of aluminum electrolytic capacitor (Ruby-con BXF series, 100µF/250V) to connect in parallel.
6.
CASE GROUNDING
:Connecting four screw bolts to shield plane will help to reduce the EMI.
7.
For further information, please contact with P-DUKE.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
DC/DC module only
100LFM
200LFM
300LFM
400LFM
500LFM
Mount on 2U iron base-plate
(dimension 19” X 3.5” X 0.063”)
Natural convection (20LFM)
Terminal block
Natural convection (20LFM)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
HAE150-48S05W Derating Curve (Note 3)
HAE150-48S05W Derating Curve (Note 3)
With 0.24” Height Heat-sink
HAE150-48S05W Derating Curve (Note 3)
With 0.45” Height Heat-sink
60
66
72
78
84
90
96
16.5
24
30
36
42
48
54
60
66
72
75
INPUT VOLTAGE(V)
Iout= 100% F.L
Iout= 50% F.L
Iout= 25% F.L
60
66
72
78
84
90
96
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Vin= 16.5V
Vin= 24V
Vin= 48V
Vin= 75V
HAE150-48S05W Efficiency vs. Input Voltage
HAE150-48S05W Efficiency vs. Output Load


Similar Part No. - HAE150-24S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150-24S12 P-DUKE-HAE150-24S12 Datasheet
609Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE150-24S12W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com