Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE75-24S28W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # HAE75-24S28W
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE75-24S28W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  HAE75-24S28W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HAE75W
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating case temperature
Base-plate
-40
+105
Over temperature protection
+115
Storage temperature range
Terminal block type
Others
-40
-55
+105
+125
Thermal impedance (2)
Vertical direction by natural convection (20LFM)
Module without assembly option
Heat-sink type with 0.24" Height
Heat-sink type with 0.45" Height
6.7
5.4
4.7
℃/W
Thermal shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (3)
EN55011, EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20V/m
Perf. Criteria A
Fast transient (4)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (4)
EN61000-4-5
EN55024 ±2kV and EN50155 ±2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Note:
1.
Input source impedance: The power modules will operate as specifications without external components, assuming that the source voltage has a
very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module.
Since real-world voltage source has finite impedance, performance can be improved by adding external filter capacitor.
The HAE75-24S
W recommended 4.7µF/50V X7R MLCC or Nippon Chemi-con KY series, 68µF /100V or better capacitor.
2.
(1)Thermal test condition with vertical direction by natural convection (20LFM).
(2)The heat-sink is optional and P/N: 7G-0021A-F , 7G-0022A-F , 7G-0023A-F , 7G-0024A-F. Please refer to heat-sink selection guide.
3.
The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE.
4.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The HAE75-24S
W and HAE75-48S
W recommended 2 pcs of aluminum electrolytic capacitor (Nippon Chemi-con KY series, 220µF/100V)
to connect in parallel.
The HAE75-110S
W recommended 2 pcs of aluminum electrolytic capacitor (Nippon Chemi-con KXJ series, 150µF/200V) to connect in
parallel.
5.
CASE GROUNDING
:Connecting four screw bolts to shield plane will help to reduce the EMI.
6.
For further information, please contact with P-DUKE.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
DC/DC module only
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
Mount on 2U iron base-plate
(dimension 19” X 3.5” X 0.063”)
Natural convection (20LFM)
Terminal block
Natural convection (20LFM)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
HAE75-48S05W Derating Curve (Note 2)
HAE75-48S05W Derating Curve (Note 2)
With 0.24” Height Heat-sink
HAE75-48S05W Derating Curve (Note 2)
With 0.45” Height Heat-sink
60
66
72
78
84
90
96
18
24
30
36
42
48
54
60
66
72
75
INPUT VOLTAGE(V)
Iout= 100% F.L
Iout= 50% F.L
Iout= 25% F.L
36
46
56
66
76
86
96
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Vin= 18V
Vin= 24V
Vin= 48V
Vin= 75V
HAE75-48S05W Efficiency vs. Input Voltage
HAE75-48S05W Efficiency vs. Output Load


Similar Part No. - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75-24S28W P-DUKE-HAE75-24S28W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
More results

Similar Description - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com