Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5502DT Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSC5502DT
Description  NPN Triple Diffused Planar Silicon Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5502DT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSC5502DT Datasheet HTML 1Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 2Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 3Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 4Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 5Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 6Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 7Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 8Page - Fairchild Semiconductor KSC5502DT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5502D / KSC5502DT Rev. 1.1.0
3
Electrical Characteristics
Values are at TC = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ.
Max.
Unit
tfr
Diode Froward Recovery
Time (di/dt=10 A/
μs)
IF = 0.2 A
650
ns
IF = 0.4 A
740
IF = 1 A
785
VCE(DSAT) Dynamic Saturation Voltage
IC = 0.4 A, IB1 = 80 mA,
VCC = 300 V
at 1
μs7.2
V
at 3
μs1.8
IC = 1 A, IB1 = 200 mA,
VCC = 300 V
at 1
μs18.0
at 3
μs6.0
Resistive Load Switching (D.C < 10%, Pulse Width = 20 s)
tON
Turn-On Time
IC = 0.4 A, IB1 = 80 mA,
IB2 = 0.2 A, VCC = 300 V,
RL = 750 Ω
TC = 25°C175
350
ns
TC = 125°C185
tOFF
Turn-Off Time
TC = 25°C2.1
3.0
μs
TC = 125°C2.6
tON
Turn-On Time
IC = 1 A, IB1 = 160 mA,
IB2 = 160 mA,
VCC = 300 V,
RL = 300 Ω
TC = 25°C240
450
ns
TC = 125°C310
tOFF
Turn-Off Time
TC = 25°C3.7
5.0
μs
TC = 125°C4.5
Inductive Load Switching (VCC = 15 V)
tSTG
Storage Time
IC = 0.4 A, IB1 = 80 mA,
IB2 = 0.2 A, VZ = 300 V,
LC = 200 H
TC = 25°C1.2
2.0
μs
TC = 125°C1.5
tF
Fall Time
TC = 25°C90
200
ns
TC = 125°C65
tC
Cross-Over Time
TC = 25°C185
350
ns
TC = 125°C145
tSTG
Storage Time
IC = 0.8 A, IB1 = 160 mA,
IB2 = 160 mA,
VCC = 300 V,
LC = 200 H
TC = 25°C
3.30
4.50
μs
TC = 125°C3.75
tF
Fall Time
TC = 25°C90
250
ns
TC = 125°C160
tC
Cross-over Time
TC = 25°C300
600
ns
TC = 125°C570


Similar Part No. - KSC5502DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DTM FAIRCHILD-KSC5502DTM Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5502DT

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com