Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5502DTTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KSC5502DTTU
Description  NPN Triple Diffused Planar Silicon Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5502DTTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KSC5502DTTU Datasheet HTML 3Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 4Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 5Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 6Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 7Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 8Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 9Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 10Page - Fairchild Semiconductor KSC5502DTTU Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5502D / KSC5502DT Rev. 1.1.0
7
Typical Performance Characteristics (Continued)
Figure 19. Inductive Switching Time, tc
Figure 20. Inductive Switching Time, tSTG
Figure 21. Inductive Switching Time, tF
Figure 22. Inductive Switching Time, tc
Figure 23. Forward Bias Safe Operating Area
Figure 24. Power Derating
0.5
1
1.5
2
2.5
3
10 0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
100 0
100 0
200 0
I
C
=5 I
B1
=5 I
B2
V
CC
=15 V
V
Z
= 300V
L
C
=20 0
μ H
T
J
=25
oC
T
J
=125
oC
I
C
[A ], CO LL EC T O R CU RREN T
0.3
456
789
1 0
1 1
1 2
1 3
1 4
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
C
=2 I
B2
V
CC
=1 5V
V
Z
= 300 V
L
C
=2 00
μ H
I
C
=0.4A
I
C
=0.8A
T
J
=25
oC
T
J
=125
oC
h
FE
, F O R C E D G A IN
456
789
1 0
1 1
1 2
1 3
1 4
40
60
80
T
J
=125
oC
I
C
=2I
B2
V
CC
=15V
V
Z
=300V
L
C
=200
μ H
I
C
=0.4A
I
C
=0.8A
T
J
=25
oC
h
FE
, F O R C E D G A IN
456
789
1 0
1 1
1 2
1 3
1 4
80
12 0
16 0
20 0
I
C
=2I
B2
V
CC
=15V
V
Z
=300V
L
C
=200
μ H
I
C
=0.4A
I
C
=0.8A
T
J
=25
oC
T
J
=125
o C
h
FE
, F O R C E D G A IN
10
1 0 0
1 000
0.0 1
0.1
1
10
T
C
=25
o C
50
μ s
1m s
5m s
DC
V
CE
[A ], C O LL ECT O R EM IT T E R VO L T AG E
0
2 5
5 0
7 5
1 00
12 5
1 5 0
175
200
0
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
D-P A K
T
C
(
oC), CASE TE M PERATURE
T O -220


Similar Part No. - KSC5502DTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DTM FAIRCHILD-KSC5502DTM Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5502DTTU

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com