Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9961NG-GM934 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9961NG-GM934
Description  LED Driver with Average-Mode Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9961NG-GM934 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9961NG-GM934 Datasheet HTML 1Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 2Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 3Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 4Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 5Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 6Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 7Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 8Page - Supertex, Inc HV9961NG-GM934 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Supertex inc.
HV9961
Supertex inc.
www.supertex.com
Features
Fast average current control
Programmable constant off-time switching
Linear dimming input
PWM dimming input
Output short circuit protection with skip mode
Ambient operating temperature -40OC to +125OC
Pin-compatible with the HV9910B
Applications
DC/DC or AC/DC LED driver applications
LED backlight driver for LCD displays
General purpose constant current source
LED signage and displays
Architectural and decorative LED lighting
LED street lighting
General Description
The HV9961 is an average current mode control LED driver
IC operating in a constant off-time mode. Unlike HV9910B,
this control IC does not produce a peak-to-average error, and
therefore greatly improves accuracy, line and load regulation
of the LED current without any need for loop compensation or
high-side current sensing. The output LED current accuracy
is ±3%.
The IC is equipped with a current limit comparator for hiccup-
mode output short circuit protection.
The HV9961 can be powered from an 8.0 - 450V supply.
A PWM dimming input is provided that accepts an external
control TTL compatible signal. The output current can be
programmed by an internal 275mV reference, or controlled
externally through a 0 - 1.5V dimming input.
HV9961 is pin-to-pin compatible with HV9910B and it can
be used as a drop-in replacement for many applications to
improve the LED current accuracy and regulation.
Typical Application Circuit
LED Driver with Average-Mode
Constant Current Control
1
4
2
8
5
6
7
3
HV9961
VIN
GATE
PWMD
LD
VDD
RT
CS
GND
LED
Load
Sets
LED
Current
8.0 - 450VDC
R
CS
R
T


Similar Part No. - HV9961NG-GM934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961NG-G-M901 MICROCHIP-HV9961NG-G-M901 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9961NG-G-M934 MICROCHIP-HV9961NG-G-M934 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results

Similar Description - HV9961NG-GM934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com