Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9120PJ-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9120PJ-G
Description  High-Voltage, Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120PJ-G Datasheet(HTML) 3 Page - Supertex, Inc

  HV9120PJ-G Datasheet HTML 1Page - Supertex, Inc HV9120PJ-G Datasheet HTML 2Page - Supertex, Inc HV9120PJ-G Datasheet HTML 3Page - Supertex, Inc HV9120PJ-G Datasheet HTML 4Page - Supertex, Inc HV9120PJ-G Datasheet HTML 5Page - Supertex, Inc HV9120PJ-G Datasheet HTML 6Page - Supertex, Inc HV9120PJ-G Datasheet HTML 7Page - Supertex, Inc HV9120PJ-G Datasheet HTML 8Page - Supertex, Inc HV9120PJ-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
HV9120
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9120
B060412
Electrical Characteristics
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, RBIAS = 390KΩ, ROSC = 330KΩ, TA = 25°C.)
Sym
Parameter
#
Min
Typ
Max
Units
Conditions
Reference
V
REF
Output voltage
-
3.92
4.00
4.08
V
R
L = 10MΩ
3.84
4.00
4.16
R
L = 10MΩ, TA = -55 to 125
O
C
Z
OUT
Output impedance
#
15
30
45
---
I
SHORT
Short circuit current
-
-
125
250
μA
V
REF = -VIN
ΔV
REF
Change in V
REF with temperature
#
-
0.25
-
mV/°C T
A = -55 to 125°C
Oscillator
f
MAX
Oscillator frequency
-
1.0
3.0
-
MHz
R
OSC = 0Ω
f
OSC
Initial accuracy1
-
80
100
120
KHz
R
OSC = 330KΩ
-
160
200
240
R
OSC = 150KΩ
ΔV
OSC
Voltage stability
-
-
-
15
%
9.5V < V
DD < 13.5V
TC
OSC
Temperature coefficient
#
-
170
-
ppm/°C T
A = -55 to 125°C
PWM
D
MAX
Maximum duty cycle
#
49.0
49.4
49.6
%
---
D
MIN
Minimum duty cycle
-
-
-
0
%
---
Maximum pulse width before
pulse drops out
#
-
80
125
ns
---
Current Limit
V
LIM
Maximum input signal
-
1.0
1.2
1.4
V
V
FB = 0V
t
D
Delay to output
#
-
80
120
ns
V
SENSE = 1.5V, VCOMP ≤ 2.0V
Error Amplifier
V
FB
Feedback voltage
-
3.92
4.00
4.08
V
V
FB shorted to COMP
I
IN
Input bias current
-
-
25
500
nA
V
FB = 4.0V
V
OS
Input offset voltage
-
nulled during trim
-
---
A
VOL
Open loop voltage gain
#
60
80
-
dB
---
GB
Unity gain bandwidth
#
1.0
1.3
-
MHz
---
Z
OUT
Out impedance
#
see Fig. 1
Ω
---
I
SOURCE
Output source current
-
-1.4
-2.0
-
mA
V
FB = 3.4V
I
SINK
Output sink current
-
0.12
0.15
-
mA
V
FB = 4.5V
PSRR
Power supply rejection
#
see Fig. 2
dB
---
Notes:
#
Guaranteed by design.
1. Stray capacitance on OSC In pin must be ≤5pF.


Similar Part No. - HV9120PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120PJ SUTEX-HV9120PJ Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9120PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com