Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9120NG-GM934 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9120NG-GM934
Description  High-Voltage, Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120NG-GM934 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV9120NG-GM934 Datasheet HTML 2Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 3Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 4Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 5Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 6Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 7Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 8Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 9Page - Supertex, Inc HV9120NG-GM934 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
HV9120
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9120
B060412
required. In general, because the reference voltage of the
Supertex HV9120 is not noisy, as some previous examples
have been, overriding the reference should seldom be nec-
essary.
Because the reference of the HV9120 is a high impedance
node, and usually there will be significant electrical noise
near it, a bypass capacitor between the reference pin and
VSS is strongly recommended. The reference buffer ampli-
fier is intentionally compensated to be stable with a capaci-
tive load of 0.01 to 0.1µF.
Error Amplifier
The error amplifier in the HV9120 is a true low-power dif-
ferential input operational amplifier intended for around-the-
amplifier compensation. It is of mixed CMOS-bipolar con-
struction: A PMOS input stage is used so the common-mode
range includes ground and the input impedance is very high.
This is followed by bipolar gain stages which provide high
gain without the electrical noise of all-MOS amplifiers. The
amplifier is unity-gain stable.
Current Sense Comparators
The HV9120 uses a true dual-comparator system with in-
dependent comparators for modulation and current limiting.
This allows the designer greater latitude in compensation
design, as there are no clamps (except ESD protection) on
the compensation pin. Like the error amplifier, the compara-
tors are of low-noise BiCMOS construction.
Remote Shutdown
The SHUTDOWN and RESET pins of the HV9120 can be
used to perform either latching or non-latching shutdown of
a converter as required. These pins have internal current
source pull-ups so they can be driven from open-drain logic.
When not used, they should be left open or connected to
VDD.
Output Buffer
The output buffer of the HV9120 is of standard CMOS con-
struc-tion (P-channel pull-up, N-channel pull-down). Thus the
body-drain diodes of the output stage can be used for spike
clipping if necessary, and external Schottky diode clamping
of the output is not required.
SHUTDOWN
RESET
Output
H
H
Normal operation
H
H → L
Normal operation, no change
L
H
Off, not latched
L
L
Off, latched
L → H
L
Off, latched, no change
Truth Table
Shutdown Timing Waveforms
50%
t
D
1.5V
SENSE
0
t
SD
50%
90%
90%
VDD
SHUTDOWN
0
t
LW
50%
50%
t
SW
50%
50%
t
RW
50%
t
R ≤ 10ns
t
F ≤ 10ns
t
R, tF ≤ 10ns
VDD
SHUTDOWN
0
VDD
RESET
0
VDD
OUTPUT
0
VDD
OUTPUT
0


Similar Part No. - HV9120NG-GM934

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9120NG-G MICROCHIP-HV9120NG-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M901 MICROCHIP-HV9120NG-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M934 MICROCHIP-HV9120NG-G-M934 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9120NG-GM934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com