Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFT3906 Datasheet(PDF) 5 Page - Silikron Semiconductor Co.,LTD.

Part # SSFT3906
Description  Advanced trench MOSFET process technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFT3906 Datasheet(HTML) 5 Page - Silikron Semiconductor Co.,LTD.

  SSFT3906 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFT3906 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
                                
SSFT3906 
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
A
4.400
4.550
4.700
0.173
0.179
0.185
A1
1.270
1.300
1.330
0.050
0.051
0.052
A2
2.590
2.690
2.790
0.102
0.106
0.110
b
0.770
-
0.900
0.030
-
0.035
b2
1.230
-
1.360
0.048
-
0.054
c
0.480
0.500
0.520
0.019
0.020
0.020
D
15.100
15.400
15.700
-
0.606
-
D1
9.000
9.100
9.200
0.354
0.358
0.362
DEP
0.050
0.285
0.520
0.002
0.011
0.020
E
10.060
10.160
10.260
0.396
0.400
0.404
E1
-
8.700
-
-
0.343
-
ФP1
1.400
1.500
1.600
0.055
0.059
0.063
e
e1
H1
6.100
6.300
6.500
0.240
0.248
0.256
L
12.750
12.960
13.170
0.502
0.510
0.519
L1
-
-
3.950
-
-
0.156
L2
ФP
3.570
3.600
3.630
0.141
0.142
0.143
Q
2.730
2.800
2.870
0.107
0.110
0.113
Q1
-
0.200
-
-
0.008
-
ϴ1
5
0
7
0
9
0
5
0
7
0
9
0
ϴ2
1
0
3
0
5
0
1
0
3
0
5
0
0.073REF
5.08BSC
0.2BSC
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
1.85REF
TO220 PACKAGE OUTLINE DIMENSION
©Silikron Semiconductor CO.,LTD.
2011.08.08
Version : 2.0
page 5 of 7
www.silikron.com
 


Similar Part No. - SSFT3906

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFT3906 GOOD-ARK-SSFT3906 Datasheet
492Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - SSFT3906

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com