Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV3418PG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV3418PG-G
Description  64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418PG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV3418PG-G Datasheet HTML 1Page - Supertex, Inc HV3418PG-G Datasheet HTML 2Page - Supertex, Inc HV3418PG-G Datasheet HTML 3Page - Supertex, Inc HV3418PG-G Datasheet HTML 4Page - Supertex, Inc HV3418PG-G Datasheet HTML 5Page - Supertex, Inc HV3418PG-G Datasheet HTML 6Page - Supertex, Inc HV3418PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV3418
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pin #
Function
1
HV
OUT41/24
2
HV
OUT42/23
3
HV
OUT43/22
4
HV
OUT44/21
5
HV
OUT45/20
6
HV
OUT46/19
7
HV
OUT47/18
8
HV
OUT48/17
9
HV
OUT49/16
10
HV
OUT50/15
11
HV
OUT51/14
12
HV
OUT52/13
13
HV
OUT53/12
14
HV
OUT54/11
15
HV
OUT55/10
16
HV
OUT56/9
17
HV
OUT57/8
18
HV
OUT58/7
19
HV
OUT59/6
20
HV
OUT60/5
21
HV
OUT61/4
22
HV
OUT62/3
23
HV
OUT63/2
24
HV
OUT64/1
25
VPP
26
D
IOA
27
N/C
Pin #
Function
28
N/C
29
BL
30
POL
31
VDD
32
DIR
33
LGND
34
OGND
35
N/C
36
N/C
37
CLK
38
LE
39
D
IOB
40
VPP
41
HV
OUT1/64
42
HV
OUT2/63
43
HV
OUT3/62
44
HV
OUT4/61
45
HV
OUT5/60
46
HV
OUT6/59
47
HV
OUT7/58
48
HV
OUT8/57
49
HV
OUT9/56
50
HV
OUT10/55
51
HV
OUT11/54
52
HV
OUT12/53
53
HV
OUT13/52
54
HV
OUT14/51
Pin #
Function
55
HV
OUT15/50
56
HV
OUT16/49
57
HV
OUT17/48
58
HV
OUT18/47
59
HV
OUT19/46
60
HV
OUT20/45
61
HV
OUT21/44
62
HV
OUT22/43
63
HV
OUT23/42
64
HV
OUT24/41
65
HV
OUT25/40
66
HV
OUT26/39
67
HV
OUT27/38
68
HV
OUT28/37
69
HV
OUT29/36
70
HV
OUT30/35
71
HV
OUT31/34
72
HV
OUT32/33
73
HV
OUT33/32
74
HV
OUT34/31
75
HV
OUT35/30
76
HV
OUT36/29
77
HV
OUT37/28
78
HV
OUT38/27
79
HV
OUT39/26
80
HV
OUT40/25
Pin Description
Notes:
Pin designation for DIR = H/L
Example:
for DIR = H, Pin 1 is HV
OUT41
for DIR = L, Pin 1 is HV
OUT24


Similar Part No. - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV3418PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
   275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com