Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV574 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV574
Description  100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV574 Datasheet(HTML) 1 Page - Supertex, Inc

  HV574 Datasheet HTML 1Page - Supertex, Inc HV574 Datasheet HTML 2Page - Supertex, Inc HV574 Datasheet HTML 3Page - Supertex, Inc HV574 Datasheet HTML 4Page - Supertex, Inc HV574 Datasheet HTML 5Page - Supertex, Inc HV574 Datasheet HTML 6Page - Supertex, Inc HV574 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
HV574
Features
HVCMOS® technology
5.0V CMS Logic
Output voltage up to 80V
Low power level shifting
100MHz equivalent data rate using four dynamic
shift registers
Latched data outputs
Foreward and reverse shifting options (DIR pin)
Diode to VPP allows efficient power recovery
Outputs may be hot switched
Hi-Rel processing available
Functional Block Diagram
100MHz, 80-Channel Serial to Parallel Converter
with Push-Pull Outputs
General Description
The HV574 is a low-voltage serial to high-voltage parallel con-
verter with push-pull outputs. This device has been designed for
use as a driver for printer applications. It can also be used in any
application requiring multiple output high-voltage current sour-
cing and sinking capability such as driving plasma panels, vac-
uum fluorescent displays, or large matrix LCD displays.
The device has 4 parallel 20-bit dynamic shift registers, permitting
data rates 4X the speed of one (they are clocked together). There
are 80 static latches and control logic to perform the polarity
select and blanking of the outputs. HV
OUT1 is connected to the first
stage of the first shift register through the polarity and blanking
logic. Data is shifted through the shift registers on the logic low
to high transition of the clock. The DIR pin causes CCW shifting
when connected to GND, and CW shifting when connected to
VDD. A data output buffer is provided for cascading devices. This
output reflects the current status of the last bit of the shift register
(HV
OUT80). Operation of the shift register is not affected by the LE
(latch enable), BL (blanking), or the POL (polarity) inputs. Transfer
of data from the shift registers to the latches occurs when the LE
(latch enable) input is high. The data in the latches is stored when
LE is low.
HV OUT 21
HV OUT 40
HV OUT 1
HV OUT 20
POL
VPP
BL
LE
DINA
DOUT A
DINB
DOUT B
DIR
CLK
20-bit
shift
register
20-bit
shift
register
GND
VDD
HV OUT 61
HV OUT 80
HV OUT 41
HV OUT 60
DINC
DOUT C
DIND
DOUT D
20-bit
shift
register
20-bit
shift
register


Similar Part No. - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574 SUTEX-HV574 Datasheet
454Kb / 5P
   100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
HV574PG SUTEX-HV574PG Datasheet
454Kb / 5P
   100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
633Kb / 7P
   100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574X SUTEX-HV574X Datasheet
454Kb / 5P
   100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
   100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
   100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574 Datasheet
454Kb / 5P
   100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
logo
Microchip Technology
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
   128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
   128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
   128-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com