Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ACT298 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74ACT298
Description  Quad 2-Input Multiplexer with Storage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT298 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74ACT298 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 9Page - Hitachi Semiconductor HD74ACT298 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Similar Part No. - HD74ACT298

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT240 HITACHI-HD74ACT240 Datasheet
55Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74ACT240 RENESAS-HD74ACT240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74ACT241 HITACHI-HD74ACT241 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74ACT244 HITACHI-HD74ACT244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74ACT244 RENESAS-HD74ACT244 Datasheet
123Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74ACT298

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
   Quad 2-input multiplexer with storage
1989 Aug 14
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
Texas Instruments
SN74AS298A TI-SN74AS298A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
logo
National Semiconductor ...
54298 NSC-54298 Datasheet
98Kb / 4P
   Quad 2-Port Register (Multiplexer With Storage)
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com