Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS3412 Datasheet(PDF) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3412
Description  WS3412 Active PFC Non-isolated Buck LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3412 Datasheet(HTML) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3412 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3412 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.winsemi.com
Tel : 0755-82506288
Fax : 0755-82506299
6/8
WS3412 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
The WS3412 uses the patent source driver structure. The
typical operation current is as low as 200uA, the auxiliary
winding is not need. So the system design is simple and the
cost is low.
WS3412 will automatic detect the output voltage when
enters hiccup mode; and will re-enter the normal working
state when the output voltage is lower than Vovp.
Output
Output
Output
Output Open(Short)
Open(Short)
Open(Short)
Open(Short) protection
protection
protection
protection
Output open/short protection is integrated inside WS3412.
Once output open/short circuit is detected, the system will
automatic enter hiccup mode until the protection signal
disappear.
Over
Over
Over
Over Temperature
Temperature
Temperature
Temperature Automatic
Automatic
Automatic
Automatic adjustment
adjustment
adjustment
adjustment of
of
of
of output
output
output
output
current
current
current
current
WS3412 has over temperature regulating function, gradually
reducing the output current when the power is over
temperature, so as to control the output power and the
temperature rise, keeping the power temperature in a setting
value in order to improving the reliability of the system. The
starting regulation temperature is 135℃.
Input
Input
Input
Input Filter
Filter
Filter
Filter Capacitor
Capacitor
Capacitor
Capacitor
In order to obtain high PF value, the input capacitor can not
be too large. 10-100nF is recommended.
Power
Power
Power
Power Factor
Factor
Factor
Factor Correction
Correction
Correction
Correction
Active PFC control circuit is integrated in WS3412, which
can get high PF value and low THD.
PCB
PCB
PCB
PCB Design
Design
Design
Design
The following guidelines should be followed in WS3412 PCB
layout:
Bypass Capacitor: The bypass capacitor on VCC pin should
be as close as possible to the VCC and GND pins.
Ground Path: The power ground path for current sense
should be short, and the power ground path should be
separated from small signal ground path before the negative
node of the bulk capacitor.
The Area of Power Loop: The area of power loop should be
as small as possible to reduce EMI radiation.
And the controller should be placed away from the heat
generator, such as the power diode.


Similar Part No. - WS3412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3412 ETC2-WS3412 Datasheet
503Kb / 8P
   Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3412 WINSEMI-WS3412 Datasheet
503Kb / 8P
   Non-isolated Buck APFC Offline LED Driver
logo
List of Unclassifed Man...
WS3412AH ETC2-WS3412AH Datasheet
579Kb / 8P
   Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3412AH WINSEMI-WS3412AH Datasheet
579Kb / 8P
   Non-isolated Buck APFC Offline LED Driver
WS3412AHS7P WINSEMI-WS3412AHS7P Datasheet
579Kb / 8P
   Non-isolated Buck APFC Offline LED Driver
More results

Similar Description - WS3412

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
   High Accurate non-isolated Buck-Boost LED Driver with Active PFC
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
logo
Holtek Semiconductor In...
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com