Electronic Components Datasheet Search |
|
FKC12-48D05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD |
|
FKC12-48D05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 4 page FKC12 3 www.PDUKE.com VER: 20 2014/05/27 ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature 2.5Vout, 3.3Vout, ±5Vout Without derating With derating -40 +61 +61 +100 Others Without derating -40 +66 With derating +66 +100 ℃ Maximum case temperature 100 ℃ Storage temperature range -55 +125 ℃ Thermal impedance Natural convection 20 ℃/W Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC SPECIFICATIONS Parameter Conditions Level EMI(1) EN55022 Class A ,Class B ESD EN61000-4-2 Air ± 8kV and Contact ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (2) EN61000-4-4 ± 2kV Perf. Criteria A Surge (2) EN61000-4-5 ± 1kV Perf. Criteria A Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A Note: 1. The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE. 2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter Power Mate suggests: Nippon chemi-con KY series, 220µF/100V. CAUTION: This power module is not internally fused. An input line fuse must always be used. CHARACTERISTIC CURVE FKC12-48S05 Derating Curve FKC12-48S05 Efficiency vs. Input Voltage FKC12-48S05 Efficiency vs. Output Load |
Similar Part No. - FKC12-48D05 |
|
Similar Description - FKC12-48D05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |