Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC05-24D12W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FKC05-24D12W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC05-24D12W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FKC05-24D12W Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC05-24D12W Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC05-24D12W Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC05-24D12W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FKC05
FKC05W
2
www.PDUKE.com
2014/04/30
PART NUMBER STRUCTURE
FKC05 - 48
S
05
-
M1
SMD
Series Name
Input
Output
Output
Input
Operating Temp.
Mounting Type
Voltage
Quantity
Voltage
Range
Option
Option
(VDC)
(VDC)
12: 9~18
S:Single
33: 3.3
2:1
: Standard type
: DIP type
24:18~36
05: 5
-25~+85
SMD: SMD type
48:36~75
12:12
With derating
15:15
M1: -40~+85
Without derating
D: Dual
05:
± 5
12:
±12
15:
±15
FKC05 - 48
S
05
W -
M2
SMD
Series Name
Input
Output
Output
Input
Operating Temp.
Mounting Type
Voltage
Quantity
Voltage
Range
Option
Option
(VDC)
(VDC)
24: 9~36
S:Single
33: 3.3
4:1
: Standard type
: DIP type
48:18~75
05: 5
-25~+85
SMD: SMD type
12:12
With derating
15:15
M2: -40~+85
With derating
D: Dual
05:
± 5
12:
±12
15:
±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
FKC05
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
12
24
48
18
36
75
FKC05W
24Vin(nom)
9
24
36
48Vin(nom)
18
48
75
VDC
Start up time
Constant resistive load
Power up
450
ms
Input surge voltage
100 ms, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Input reflected ripple current
20
mAp-p
Input filter
Pi type
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-0.5
+0.5
Load regulation
No Load to Full Load
Dual
-1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
200
µ
s
Over load protection
% of Iout rated
170
%
Short circuit protection
Continuous, automatics recovery


Similar Part No. - FKC05-24D12W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC05-24D12 ETC-FKC05-24D12 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
Astrodyne Corporation
FKC05-24D12 ASTRODYNE-FKC05-24D12 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-24D12 P-DUKE-FKC05-24D12 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FKC05-24D12 ASTRODYNE-FKC05-24D12 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05-24D12W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com