Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-110S05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC08-110S05W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC08-110S05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC08-110S05W Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC08-110S05W Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC08-110S05W Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC08-110S05W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/05/27
FKC08W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 8 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH 24 PIN DIP AND SMD PACKAGE
UL60950-1, EN60950-1, IEC60950-1, & EN50155 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
FKC08-24S3P3W
9 ~ 36
3.3
2400
40
85
1330
FKC08-24S05W
9 ~ 36
5
1600
40
87
1330
FKC08-24S12W
9 ~ 36
12
666
25
86
288
FKC08-24S15W
9 ~ 36
15
533
25
86
200
FKC08-24D05W
9 ~ 36
±5
±800
20
84
±900
FKC08-24D12W
9 ~ 36
±12
±333
25
86
±133
FKC08-24D15W
9 ~ 36
±15
±267
25
86
±90
FKC08-48S3P3W
18 ~ 75
3.3
2400
20
85
1330
FKC08-48S05W
18 ~ 75
5
1600
20
87
1330
FKC08-48S12W
18 ~ 75
12
666
13
87
288
FKC08-48S15W
18 ~ 75
15
533
13
88
200
FKC08-48D05W
18 ~ 75
±5
±800
10
84
±900
FKC08-48D12W
18 ~ 75
±12
±333
13
87
±133
FKC08-48D15W
18 ~ 75
±15
±267
13
87
±90
FKC08-110S3P3W
43 ~ 160
3.3
2400
8
84
1330
FKC08-110S05W
43 ~ 160
5
1600
8
85
1330
FKC08-110S12W
43 ~ 160
12
666
4
86
288
FKC08-110S15W
43 ~ 160
15
533
4
86
200
FKC08-110D05W
43 ~ 160
±5
±800
5
82
±900
FKC08-110D12W
43 ~ 160
±12
±333
5
85
±133
FKC08-110D15W
43 ~ 160
±15
±267
5
85
±90
PART NUMBER STRUCTURE
FKC08 - 48
S
05
W - SMD
Series Name
Input
Output
Output
Input
Mounting Type
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
24: 9~36
S:Single
3P3: 3.3
4 : 1
: DIP type
48:18~75
05: 5
SMD: SMD type
110:43~160
12:12
15:15
D: Dual
05:
± 5
12:
±12
15:
±15


Similar Part No. - FKC08-110S05W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC08-110S05W RSG-FKC08-110S05W Datasheet
213Kb / 3P
   8 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FKC08-110S05W P-DUKE-FKC08-110S05W Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-110S05W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com