Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMD4118OWSR Datasheet(PDF) 1 Page - Ericsson

Part # PMD4118OWSR
Description  POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMD4118OWSR Datasheet(HTML) 1 Page - Ericsson

  PMD4118OWSR Datasheet HTML 1Page - Ericsson PMD4118OWSR Datasheet HTML 2Page - Ericsson PMD4118OWSR Datasheet HTML 3Page - Ericsson PMD4118OWSR Datasheet HTML 4Page - Ericsson PMD4118OWSR Datasheet HTML 5Page - Ericsson PMD4118OWSR Datasheet HTML 6Page - Ericsson PMD4118OWSR Datasheet HTML 7Page - Ericsson PMD4118OWSR Datasheet HTML 8Page - Ericsson PMD4118OWSR Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Limited Internal
TABLE OF CONTENTS
1 (1)
Prepared (also subject responsible if other)
No.
Stella TAO
00152-EN/LZT146350
Approved
Checked
Date
Rev
Reference
2006-6-19
A
Contents
General Information
............................................................. 2
Safety Specification
............................................................. 3
Absolute Maximum Ratings
............................................................. 4
Product Program
Ordering No.
0.9-3.6 V/3 A
PMD 4118O ...........................................
1.0 V/3 A Electrical Specification
............................................................. 5
1.2 V/3 A Electrical Specification
........................................................... 11
1.5 V/3 A Electrical Specification
........................................................... 17
1.8 V/3 A Electrical Specification
........................................................... 23
2.5 V/3 A Electrical Specification
........................................................... 29
3.3 V/3 A Electrical Specification
........................................................... 32
EMC Specification
........................................................... 35
Operating Information
........................................................... 35
Thermal Consideration
........................................................... 37
Connections
........................................................... 38
Mechanical Information
........................................................... 39
Soldering Information
........................................................... 41
Delivery Information
........................................................... 43
Product Qualification Specification
........................................................... 44
Ericsson Internal
PRODUCT SPECIFICATION
1 (3)
Prepared (also subject responsible if other)
No.
SEC/D Stella TAO
1/1301-BMR652 4 Uen
Approved
Checked
Date
Rev
Reference
MPM/BY/M [Krister Lundberg]
2006-12-26
B
Key Features
• 3A output current
• 3 -5.5V input voltage range
• Output voltages from 0.9V up to 3.6V
• Industry standard POLATM compatible
18.92 x 12.57 x 8.5 mm (0.745 x 0.495 x 0.335 in.)
High efficiency, up to. 94%
Auto TrackTM sequencing pin
More than 5.14 million hours MTBF
General Characteristics
• Operating temperature: -40oC to 85 oC
• Output short-circuit protection
• Over temperature protection
On/Off inhibit control
• Highly automated manufacturing ensures quality
• ISO 9001/14001 certified supplier
Safety Approvals
Design for Environment
Pending
Meets requirements in high-
temperature lead-free soldering
processes.
E
PMD 4000 series
POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
EN/LZT 146 350 R1D Dec 2006
© Ericsson Power Modules AB
Technical Specification
E
PMD 4000 series
POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
EN/LZT 146 350 R1E Jan 2009
© Ericsson Power Modules AB
Technical Specification


Similar Part No. - PMD4118OWSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD4001K PHILIPS-PMD4001K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4001K NXP-PMD4001K Datasheet
156Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4002K PHILIPS-PMD4002K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4002K NXP-PMD4002K Datasheet
150Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4003K PHILIPS-PMD4003K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
More results

Similar Description - PMD4118OWSR

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PMF4218TS ERICSSON-PMF4218TS Datasheet
669Kb / 29P
   POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
PMM8218TP ERICSSON-PMM8218TP Datasheet
1Mb / 34P
   POL regulator, Input 8-14 V, Output 50 A/275 W
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com