Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC194 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74AC194
Description  4-bit Bidirectional Unviersal Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC194 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74AC194 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 10Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74AC194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC194 RENESAS-HD74AC194 Datasheet
219Kb / 8P
   4-bit Bidirectional Unviersal Shift Register
HD74AC194FPEL RENESAS-HD74AC194FPEL Datasheet
219Kb / 8P
   4-bit Bidirectional Unviersal Shift Register
HD74AC194RPEL RENESAS-HD74AC194RPEL Datasheet
219Kb / 8P
   4-bit Bidirectional Unviersal Shift Register
More results

Similar Description - HD74AC194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC194 RENESAS-HD74AC194 Datasheet
219Kb / 8P
   4-bit Bidirectional Unviersal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com