Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED20-24S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FED20-24S3P3
Description  20 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED20-24S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FED20-24S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED20-24S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED20-24S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FED20 SERIES
20 WATTS
DC-DC CONVERTER
FED20-48S05
Efficiency VS Input Voltage
78
80
82
84
86
88
90
92
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FED20-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FED20-12S1P5
9 ~ 18 VDC
1.5 VDC
0mA
6000mA
60mVp-p
70mA
78
65000µF
FED20-12S1P8
9 ~ 18 VDC
1.8 VDC
0mA
6000mA
60mVp-p
75mA
79
65000µF
FED20-12S2P5
9 ~ 18 VDC
2.5 VDC
0mA
6000mA
60mVp-p
80mA
83
33000µF
FED20-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
5000mA
60mVp-p
115mA
85
13000µF
FED20-12S05
9 ~ 18 VDC
5 VDC
0mA
4000mA
75mVp-p
75mA
87
6800µF
FED20-12S12
9 ~ 18 VDC
12 VDC
0mA
1670mA
75mVp-p
90mA
86
2200µF
FED20-12S15
9 ~ 18 VDC
15 VDC
0mA
1330mA
75mVp-p
35mA
86
755µF
FED20-12D12
9 ~ 18 VDC
±12VDC
0mA
±833mA
100mVp-p
45mA
86
±680µF
FED20-12D15
9 ~ 18 VDC
±15VDC
0mA
±667mA
100mVp-p
50mA
86
±450µF
FED20-24S1P5
18 ~ 36 VDC
1.5 VDC
0mA
6000mA
60mVp-p
35mA
80
65000µF
FED20-24S1P8
18 ~ 36 VDC
1.8 VDC
0mA
6000mA
60mVp-p
45mA
81
65000µF
FED20-24S2P5
18 ~ 36 VDC
2.5 VDC
0mA
6000mA
60mVp-p
40mA
84
33000µF
FED20-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
5000mA
60mVp-p
30mA
86
13000µF
FED20-24S05
18 ~ 36 VDC
5 VDC
0mA
4000mA
75mVp-p
35mA
89
6800µF
FED20-24S12
18 ~ 36 VDC
12 VDC
0mA
1670mA
75mVp-p
55mA
87
2200µF
FED20-24S15
18 ~ 36 VDC
15 VDC
0mA
1330mA
75mVp-p
40mA
87
755µF
FED20-24D12
18 ~ 36 VDC
±12VDC
0mA
±833mA
100mVp-p
30mA
87
±680µF
FED20-24D15
18 ~ 36 VDC
±15VDC
0mA
±667mA
100mVp-p
30mA
88
±450µF
FED20-48S1P5
36 ~ 75 VDC
1.5 VDC
0mA
6000mA
60mVp-p
15mA
80
65000µF
FED20-48S1P8
36 ~ 75 VDC
1.8 VDC
0mA
6000mA
60mVp-p
20mA
82
65000µF
FED20-48S2P5
36 ~ 75 VDC
2.5 VDC
0mA
6000mA
60mVp-p
30mA
84
33000µF
FED20-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
5000mA
60mVp-p
15mA
87
13000µF
FED20-48S05
36 ~ 75 VDC
5 VDC
0mA
4000mA
75mVp-p
20mA
89
6800µF
FED20-48S12
36 ~ 75 VDC
12 VDC
0mA
1670mA
75mVp-p
35mA
88
2200µF
FED20-48S15
36 ~ 75 VDC
15 VDC
0mA
1330mA
75mVp-p
50mA
87
755µF
FED20-48D12
36 ~ 75 VDC
±12VDC
0mA
±833mA
100mVp-p
20mA
88
±680µF
FED20-48D15
36 ~ 75 VDC
±15VDC
0mA
±667mA
100mVp-p
20mA
88
±450µF
FED20-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
70
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The CTRL pin voltage is referenced to -INPUT.
To order negative logic ON-OFF control add the suffix-N (Ex: FED20-24S05-N).
7.
Heat-sink is optional and P/N: 7G-0020C-F.
8.
The FED20 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FED20-48S05 Derating Curve
With Heatsink (Note 7 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
75
FED20-48S05 Derating Curve
With Heat-sink (Note 7)


Similar Part No. - FED20-24S3P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FED20-24S3P3 ETC-FED20-24S3P3 Datasheet
91Kb / 2P
   20WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20-24S3P3 P-DUKE-FED20-24S3P3 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Astrodyne Corporation
FED20-24S3P3W ASTRODYNE-FED20-24S3P3W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20-24S3P3W ASTRODYNE-FED20-24S3P3W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FED20-24S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC20W P-DUKE-FDC20W_14 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
SDC20-48S05 ETC-SDC20-48S05 Datasheet
89Kb / 2P
   20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
RED20W P-DUKE-RED20W_14 Datasheet
565Kb / 3P
   20 WATTS DC-DC CONVERTER
FED20W P-DUKE-FED20W_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com