Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB2N90TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB2N90TM
Description  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB2N90TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB2N90TM Datasheet HTML 1Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 2Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 3Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 4Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 5Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 6Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 7Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 8Page - Fairchild Semiconductor FQB2N90TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  

 
QFET
QFET
QFET
QFET
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"

 
 
          
        
   
!   "   
#    !   
         
!   ! 
    

$ % %&'(()*+, %Ω-)+.()
$ / 0 .%1
$ /0 2 21
$  
$ .((3! 
$ 4!!5 " 
  
    
   




)
 ) 
'((
)
4

0+%261
% %
&
0+.((61
. 7'
&
4

8 
 
9 9
&
)
: ) 
±7(
)
;
 8 &! ;
 
.,(
<
4
&! 
 
% %
&
;
*!&! ;
 
9 2
<
!5
8=* !!5
 
> (
)
8
80+%261?
7 .7
@
80+%261
92
@
"!%26
( A9
@56
 
*
22B.2(
6

C  
.59 2 
7((
6





*θ 
 * < 

. >,
6@
 * < &"?

>(
6@
 * < &"

A% 2
6@
       







 






Similar Part No. - FQB2N90TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB2N90 FAIRCHILD-FQB2N90 Datasheet
759Kb / 9P
   900V N-Channel MOSFET
More results

Similar Description - FQB2N90TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com