Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-24S15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC40-24S15W
Description  40 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-24S15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC40-24S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-24S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-24S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/21
FEC40W SERIES
40 WATTS
DC-DC CONVERTER
Note
1.
MIL-HDBK-217F @Tc=70 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The output requires minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
7.
For the single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +SENSE should be
connected to its corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
8.
Load regulation for dual output : Min load to 100% load balanced on all outputs.
9.
Cross regulation for dual output : asymmetrical load 25% / 100% FL
10. The CTRL pin voltage is referenced to –INPUT
To order negative logic ON/OFF control add the suffix-N (Ex: FEC40-24S05W-N).
11. Heat-sink is optional and P/N
:7G-0026C-F.
12. The FEC40W series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
13. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FEC40-48S05W Derating Curve
FEC40-48S05W Derating Curve With Heat-sink(Note 11)
FEC40-48S05W Efficiency VS Input Voltage
FEC40-48S05W Efficiency VS Output Load
80
82
84
86
88
90
92
18
24
30
36
42
48
54
60
66
72
75
INPUT VOLTAGE(V)
40
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% OF FULL LOAD
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC40-24S3P3W
9 ~ 36 VDC
3.3 VDC
0mA
10000mA
50mVp-p
75mA
87
25750µF
FEC40-24S05W
9 ~ 36 VDC
5 VDC
0mA
8000mA
50mVp-p
95mA
88
13600µF
FEC40-24S12W
9 ~ 36 VDC
12 VDC
50mA
3333mA
75mVp-p
50mA
87
2360µF
FEC40-24S15W
9 ~ 36 VDC
15 VDC
50mA
2666mA
75mVp-p
50mA
87
1510µF
FEC40-24D12W
9 ~ 36 VDC
± 12 VDC
±65 mA
± 1667mA
120mVp-p
60mA
86
± 1200µF
FEC40-24D15W
9 ~ 36 VDC
± 15 VDC
±50 mA
± 1333mA
150mVp-p
70mA
86
± 750µF
FEC40-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
10000mA
50mVp-p
55mA
87
25750µF
FEC40-48S05W
18 ~ 75 VDC
5 VDC
0mA
8000mA
50mVp-p
60mA
89
13600µF
FEC40-48S12W
18 ~ 75 VDC
12 VDC
50mA
3333mA
75mVp-p
30mA
87
2360µF
FEC40-48S15W
18 ~ 75 VDC
15 VDC
50mA
2666mA
75mVp-p
25mA
88
1510µF
FEC40-48D12W
18 ~ 75 VDC
± 12 VDC
±65 mA
± 1667mA
120mVp-p
30mA
86
± 1200µF
FEC40-48D15W
18 ~ 75 VDC
± 15 VDC
±60 mA
± 1333mA
150mVp-p
30mA
86
± 750µF


Similar Part No. - FEC40-24S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-24S15W P-DUKE-FEC40-24S15W Datasheet
272Kb / 3P
   40 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC40-24S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40 P-DUKE-FEC40_14 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
FDC40 ETC1-FDC40 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com