Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC15-24D15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC15-24D15W
Description  15 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC15-24D15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC15-24D15W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC15-24D15W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC15-24D15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FEC15W SERIES
15 WATTS
DC-DC CONVERTER
FEC15-48S05W
Efficiency VS Input Voltage
78
80
82
84
86
88
90
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE (V)
FEC15-48S05W
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No Load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC15-24S3P3W
9 ~36 VDC
3.3 VDC
0mA
4500mA
50mVp-p
50mA
86
14700µF
FEC15-24S05W
9 ~ 36 VDC
5 VDC
0mA
3000mA
50mVp-p
65mA
87
7200µF
FEC15-24S5P1W
9 ~ 36 VDC
5.1 VDC
0mA
3000mA
50mVp-p
65mA
87
7200µF
FEC15-24S12W
9 ~ 36 VDC
12 VDC
0mA
1250mA
75mVp-p
22mA
87
1250µF
FEC15-24S15W
9 ~36 VDC
15 VDC
0mA
1000mA
75mVp-p
22mA
87
800µF
FEC15-24D05W
9 ~ 36 VDC
± 5 VDC
0mA
± 1500mA
75mVp-p
55mA
87
± 3600µF
FEC15-24D12W
9 ~ 36 VDC
± 12 VDC
0mA
± 625mA
75mVp-p
30mA
88
± 625µF
FEC15-24D15W
9 ~ 36 VDC
± 15 VDC
0mA
± 500mA
75mVp-p
30mA
88
± 400µF
FEC15-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
4500mA
50mVp-p
35mA
86
14700µF
FEC15-48S05W
18 ~ 75 VDC
5 VDC
0mA
3000mA
50mVp-p
35mA
88
7200µF
FEC15-48S5P1W
18 ~ 75 VDC
5.1 VDC
0mA
3000mA
50mVp-p
35mA
88
7200µF
FEC15-48S12W
18 ~ 75 VDC
12 VDC
0mA
1250mA
75mVp-p
15mA
87
1250µF
FEC15-48S15W
18 ~ 75 VDC
15 VDC
0mA
1000mA
75mVp-p
15mA
87
800µF
FEC15-48D05W
18 ~ 75 VDC
± 5 VDC
0mA
± 1500mA
75mVp-p
35mA
88
± 3600µF
FEC15-48D12W
18 ~ 75 VDC
± 12 VDC
0mA
± 625mA
75mVp-p
17mA
88
± 625µF
FEC15-48D15W
18 ~ 75 VDC
± 15 VDC
0mA
± 500mA
75mVp-p
17mA
88
± 400µF
Note:
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -INPUT .
To order positive logic ON/OFF control add the suffix-P (Ex: FEC15-48S05W-P)
To order negative logic ON/OFF control add the suffix-N (Ex: FEC15-48S05W-N)
7.
Heat-sink is optional and P/N: 7G-0020C-F.
8.
The FEC15W series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220
μF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FEC15-48S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
80.4
Natural convection
100LFM
200LFM
300LFM
400LFM
500LFM
105
FEC15-48S05W Derating Curve
With Heatsink (Note 7 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
84.5
Natural convection
100LFM
200LFM
300LFM
400LFM
500LFM
105


Similar Part No. - FEC15-24D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC15-24D15W P-DUKE-FEC15-24D15W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
More results

Similar Description - FEC15-24D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC15 P-DUKE-FDC15_14 Datasheet
329Kb / 3P
   15 WATTS DC-DC CONVERTER
FEC15 P-DUKE-FEC15_14 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
HITRON ELECTRONICS CORP...
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
Wall Industries,Inc.
DCMRH15 WALL-DCMRH15 Datasheet
408Kb / 6P
   15 Watts Medical DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com