Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC30-24S3P3W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC30-24S3P3W
Description  30 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC30-24S3P3W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC30-24S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC30-24S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC30-24S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FEC30W SERIES
30 WATTS
DC-DC CONVERTER
FEC30-48S05W
Efficiency VS Input Voltage
76
78
80
82
84
86
88
90
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE (V)
FEC30-48S05W
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC30-24S1P5W
10 ~ 40 VDC
1.5 VDC
0mA
8000mA
60mVp-p
35mA
80
65000µF
FEC30-24S1P8W
10 ~ 40 VDC
1.8 VDC
0mA
8000mA
60mVp-p
35mA
83
65000µF
FEC30-24S2P5W
10 ~ 40 VDC
2.5 VDC
0mA
8000mA
60mVp-p
40mA
85
33000µF
FEC30-24S3P3W
10 ~ 40 VDC
3.3 VDC
0mA
6000mA
60mVp-p
50mA
87
19500µF
FEC30-24S05W
10 ~ 40 VDC
5 VDC
0mA
6000mA
75mVp-p
65mA
87
10200µF
FEC30-24S12W
10 ~ 40 VDC
12 VDC
0mA
2500mA
100mVp-p
65mA
87
3300µF
FEC30-24S15W
10 ~ 40 VDC
15 VDC
0mA
2000mA
100mVp-p
70mA
88
1100µF
FEC30-24D12W
10 ~ 40 VDC
±12VDC
0mA
±1250mA
100mVp-p
30mA
84
±1000µF
FEC30-24D15W
10 ~ 40 VDC
±15VDC
0mA
±1000mA
100mVp-p
35mA
85
±680µF
FEC30-48S1P5W
18 ~ 75 VDC
1.5 VDC
0mA
8000mA
60mVp-p
20mA
80
65000µF
FEC30-48S1P8W
18 ~ 75 VDC
1.8 VDC
0mA
8000mA
60mVp-p
20mA
83
65000µF
FEC30-48S2P5W
18 ~ 75 VDC
2.5 VDC
0mA
8000mA
60mVp-p
25mA
86
33000µF
FEC30-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
6000mA
60mVp-p
30mA
87
19500µF
FEC30-48S05W
18 ~ 75 VDC
5 VDC
0mA
6000mA
75mVp-p
30mA
88
10200µF
FEC30-48S12W
18 ~ 75 VDC
12 VDC
0mA
2500mA
100mVp-p
35mA
87
3300µF
FEC30-48S15W
18 ~ 75 VDC
15 VDC
0mA
2000mA
100mVp-p
45mA
88
1100µF
FEC30-48D12W
18 ~ 75 VDC
±12VDC
0mA
±1250mA
100mVp-p
25mA
85
±1000µF
FEC30-48D15W
18 ~ 75 VDC
±15VDC
0mA
±1000mA
100mVp-p
25mA
86
±680µF
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The CTRL pin voltage is referenced to -INPUT.
To order negative logic ON-OFF control add the suffix-N (Ex: FEC30-24S05W-N).
7.
Heat-sink is optional and P/N: 7G-0011C-F.
8.
The FEC30W series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FEC30-48S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
59
FEC30-48S05W Derating Curve
With Heatsink (Note 7 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
66


Similar Part No. - FEC30-24S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-24S3P3W P-DUKE-FEC30-24S3P3W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC30-24S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FED30 P-DUKE-FED30_14 Datasheet
301Kb / 3P
   30 WATTS DC-DC CONVERTER
FED30W P-DUKE-FED30W_14 Datasheet
1Mb / 3P
   30 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com