Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC166 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74AC166
Description  8-bit Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC166 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74AC166 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC166 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74AC166/HD74ACT166
5
AC Operating Requirements: HD74AC166
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C
to +85
°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Setup time
t
su
3.3
3.0
5.5
6.0
ns
PE or P
n or DS to CPn
5.0
2.0
4.0
4.5
Hold time
t
h
3.3
–1.5
3.0
3.0
CP
n to PE or Pn or DS
5.0
–0.5
3.0
3.0
Pulse width
t
w
3.3
2.0
5.5
7.0
CP
n or MR
5.0
2.0
4.5
5.0
Recovery time
t
rec
3.3
–2.5
0.0
0.0
MR to CP
n
5.0
–1.5
0.0
0.0
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
AC Characteristics: HD74ACT166
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Maximum clock
frequency
f
max
5.0
100
80
MHz
Propagation delay
CP
n to Q 7
t
PLH
5.0
1.0
10.0
12.5
1.0
13.5
ns
Propagation delay
CP
n to Q 7
t
PHL
5.0
1.0
9.5
12.0
1.0
13.0
Propagation delay
MR to Q
7
t
PHL
5.0
1.0
8.5
11.0
1.0
12.0
Note:
1. Voltage Range 5.0 is 5.0 V
± 0.5 V


Similar Part No. - HD74AC166

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC166 RENESAS-HD74AC166 Datasheet
226Kb / 9P
   8-bit Shift Register
HD74AC166AFPEL RENESAS-HD74AC166AFPEL Datasheet
226Kb / 9P
   8-bit Shift Register
HD74AC166ARPEL RENESAS-HD74AC166ARPEL Datasheet
226Kb / 9P
   8-bit Shift Register
HD74AC166TELL RENESAS-HD74AC166TELL Datasheet
226Kb / 9P
   8-bit Shift Register
More results

Similar Description - HD74AC166

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com