Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC40-48S28W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFEC40-48S28W
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC40-48S28W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFEC40-48S28W Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC40-48S28W Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC40-48S28W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/4/30
DFEC40W SERIES
CHASSIS-MOUNT DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 40 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
DFEC40-24S3P3W
9.5 ~ 36
3.3
10
83
85
25750
DFEC40-24S05W
9.5 ~ 36
5
8
103
86
13600
DFEC40-24S12W
9.5 ~ 36
12
3.333
56
85
2360
DFEC40-24S15W
9.5 ~ 36
15
2.666
56
85
1510
DFEC40-24S24W
9.5 ~ 36
24
1.667
76
84
600
DFEC40-24S28W
9.5 ~ 36
28
1.333
82
84
375
DFEC40-24D12W
9.5 ~ 36
±12
±1.667
65
84
±1200
DFEC40-24D15W
9.5 ~ 36
±15
±1.333
76
84
±750
DFEC40-48S3P3W
18 ~ 75
3.3
10
63
85
25750
DFEC40-48S05W
18 ~ 75
5
8
68
87
13600
DFEC40-48S12W
18 ~ 75
12
3.333
34
85
2360
DFEC40-48S15W
18 ~ 75
15
2.666
34
86
1510
DFEC40-48S24W
18 ~ 75
24
1.667
41
84
600
DFEC40-48S28W
18 ~ 75
28
1.333
41
84
375
DFEC40-48D12W
18 ~ 75
±12
±1.667
34
84
±1200
DFEC40-48D15W
18 ~ 75
±15
±1.333
34
84
±750
PART NUMBER STRUCTURE
DFEC40 -
48
S
05
W -
N
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Input
Range
Remote Control
Option
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
24:
28:
3.3
5
12
15
24
28
24:
48:
9.5~36
18~75
D: Dual
12:
15:
±12
±15
4:1
:
N:
Positive logic
Negative logic


Similar Part No. - DFEC40-48S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40-48S28 P-DUKE-DFEC40-48S28 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - DFEC40-48S28W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com