Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC40-24S05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # DFEC40-24S05
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC40-24S05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  DFEC40-24S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC40-24S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC40-24S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD DFEC40-24S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DFEC40
3
www.PDUKE.com
2014/4/30
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Single / Dual
Triple: 3.3Vout, 5Vout
Triple: 12Vout, 15Vout
-2.0
-1.5
-2.0
-5.0
+2.0
+1.5
+2.0
+5.0
%
Line regulation
Low Line to High Line at Full Load
Single / Dual
Triple: 3.3Vout, 5Vout
Triple: 12Vout, 15Vout
-0.5
-1.0
-5.0
+0.5
+1.0
+5.0
%
Min. Load to Full Load
3.3Vout
Single / Dual
-2.0
-1.5
+2.0
+1.5
Load regulation
Triple: Main output: :(3.3Vout, 5Vout) 10% to
100% with 10% to 100% balanced onauxiliaries.
Auxiliary outputs 10% to 100% balanced on all
outputs.
Triple: 3.3Vout, 5Vout
Triple: 12Vout, 15Vout
-2.5
-5.0
+2.5
+5.0
%
Dual: Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
Cross regulation
Triple: Main output:(3.3Vout, 5Vout) 100% load,
auxiliary 100%, other auxiliary 25% to 100%
load or main output:(3.3Vout, 5Vout) 25%,
auxiliary 25%, other auxiliary 25% to 100%.
Triple: 3.3Vout, 5Vout
Triple: 12Vout, 15Vout
-2.5
-5.0
+2.5
+5.0
%
Voltage adjustability
Single output
28Vout
Others
-3
-10
+17
+10
%
Ripple and noise
Measured by
20MHz bandwidth
Single / Triple: Main
Single / Triple: Auxiliary
Single
Dual
3.3Vout, 5Vout
12Vout, 15Vout
24Vout, 28Vout
12Vout
15Vou
50
75
350
120
150
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery
time
25% load step change
250
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
28Vout
3.9
6.2
15
18
30
36
VDC
Output indicator
Green LED
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
4000
pF
Switching frequency
270
300
330
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Chassis material
Aluminum
Weight
182g (6.40oz)
MTBF
MIL-HDBK-217F, Full load
8.080 x 10
5 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
+58
+58
+86
Storage temperature range
-40
+105
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH


Similar Part No. - DFEC40-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40-24S05W P-DUKE-DFEC40-24S05W Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - DFEC40-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com