Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFED20-12D15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # DFED20-12D15
Description  DIN RAIL DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFED20-12D15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  DFED20-12D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFED20-12D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFED20-12D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.PDUKE.com
2014/4/30
* NC
:No Connection
* Screw terminals –
wire range from 14 to 18 AWG
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
+73
+73
+90
Storage temperature range
-40
+105
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI
EN55022
Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2kV
Perf. Criteria A
Surge
EN61000-4-5
± 0.5kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Note:
1.
Test by minimum input and constant resistive load.
CHARACTERISTIC CURVE
DFED20-48S05 Derating Curve
DFED20-48S05 Efficiency vs. Input Voltage
DFED20-48S05 Efficiency vs. Output Load
MECHANICAL DRAWING
PIN CONNECTION
1. All dimensions in Inch (mm)
2. Tolerance : X.XX±0.02 (X.X±0.5)
4. Tolerance : X.XXX±0.01 (X.XX±0.25)
3. Terminal screw locked torque :
MAX 2.5kgf
-cm (0.25N-m)
PIN
SINGLE
DUAL
1
Ctrl
Ctrl
2
-Vin
-Vin
3
-Vin
-Vin
4
+Vin
+Vin
5
NC
NC
6
-Vout
-Vout
7
+Vout
Common
8
NC
+Vout


Similar Part No. - DFED20-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFED20-24D05W P-DUKE-DFED20-24D05W Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20-24D12W P-DUKE-DFED20-24D12W Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20-24D15W P-DUKE-DFED20-24D15W Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20-24S05W P-DUKE-DFED20-24S05W Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20-24S12W P-DUKE-DFED20-24S12W Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results

Similar Description - DFED20-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Bel Fuse Inc.
LDD3 BEL-LDD3 Datasheet
585Kb / 3P
   3W DIN Rail DC-DC Converter
logo
Mean Well Enterprises C...
DDR-15 MEANWELL-DDR-15 Datasheet
598Kb / 5P
   15W DIN Rail Type DC-DC Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
DDR-480 MEANWELL-DDR-480 Datasheet
286Kb / 9P
   480W DIN Rail Type DC-DC Converter
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
   240W DIN Rail Type DC-DC Converter
DDR-60 MEANWELL-DDR-60 Datasheet
129Kb / 4P
   60W DIN Rail Type DC-DC Converter
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com