Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASR01-12S08 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # ASR01-12S08
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

ASR01-12S08 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  ASR01-12S08 Datasheet HTML 1Page - Power Mate Technology Co., LTD ASR01-12S08 Datasheet HTML 2Page - Power Mate Technology Co., LTD ASR01-12S08 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/04/30
ASR01-SERIES
DC-DC CONVERTER
-7VDC~-
-32VDC WIDE INPUT RANGE
UP TO 15Watts
FEATURES
APPLICATIONS
PIN-OUT COMPATIBLE WITH LM79XX LINEAR REGULATORS
SMALL SIZE AND LOW PROFILE : 0.46 X 0.30 X 0.65 INCH
LOW STANDBY POWER
OVER-CURRENT PROTECTION
SHORT CIRCUIT PROTECTION
OVER-TEMPERATURE PROTECTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
NON
IOSOLATION
LOW
STANDBY
POWER
OCP
SCP
OTP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Output Current
Efficiency
Input Range
Output Voltage
@Min.Load
@FullLoad
Input Current
@ No Load
Min.Vin
Max.Vin
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
A
mA
%
%
µ
F
ASR01-12S05
-7 ~ -32
-5
-0.1
-1
-3
91.5
84.5
1600
ASR01-12S5P2
-7 ~ -32
-5.2
-0.1
-1
-3
92.0
85.0
1600
ASR01-12S06
-8 ~ -32
-6
-0.1
-1
-3
92.5
86.5
1000
ASR01-12S08
-10.5 ~ -32
-8
-0.1
-1
-3
94.0
89.0
1000
ASR01-24S09
-11.5 ~ -32
-9
-0.1
-1
-3
94.5
90.5
1000
ASR01-24S12
-15 ~ -32
-12
-0.1
-1
-3
96.0
92.0
470
ASR01-24S15
-18 ~ -32
-15
-0.1
-1
-3
96.0
93.5
470
PART NUMBER STRUCTURE
ASR01 -
12
S
05
-
A
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Assembly
Option
12:
24:
-7 ~ -32
-8 ~ -32
-10.5 ~ -32
-11.5 ~ -32
-15 ~ -32
-18 ~ -32
S: Single
05:
5P2:
06:
08:
09:
12:
15:
-5
-5.2
-6
-8
-9
-12
-15
:
A:
Standard
Horizontal type


Similar Part No. - ASR01-12S08

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ASR04 MITSUMI-ASR04 Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR04PBS MITSUMI-ASR04PBS Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR04PCH MITSUMI-ASR04PCH Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR04PEK MITSUMI-ASR04PEK Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR04PJA MITSUMI-ASR04PJA Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
More results

Similar Description - ASR01-12S08

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com