Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10B2415ZMD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 10B2415ZMD
Description  10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

10B2415ZMD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  10B2415ZMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 10B2415ZMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 10B2415ZMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
10A
A--ZMD
ZMD
10
10B
B--ZMD
ZMD
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
page 1/3
Output External Capacitor Table(Table 1)
Single
Vout
Cout
Dual Vout
Cout
(VDC)
(μF)
(VDC)
(μF)
5
680
±
5
680
12
470
±
12
330
15
330
±
15
220
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
See below products program
1.0
10
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
Form 10% to 100% load
±0.5
±1*
%
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/°C
Ripple**
20MHz Bandwidth
20
50
mVp-p
Noise**
20MHz Bandwidth
75
150
mVp-p
Switching frequency
100% load, input voltage range
300
KHz
* Dual output models unbalanced load: ±5%.
** Test ripple and noise by “parallel cable” method. See detailed
operation instructions at
Testing of Power Converter section, application notes.
Case material
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
In order to ensure the product operate efficiently and reliably,in addition to a
max load(namely full load), a minimum load is specified for this kind of
DC/DC converter.Make sure the specified range of input voltage is not
exceeded,the minimum output load no less than 10% load.If the actual load
is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly.If the actual
output power is very small,please add an appropriate resistor as extra
loading,or contact our company for other lower output power products.
Recommended Circuit
All the 10A_ZMD&10B_ZMD Series have been tested according to
the following recommended testing circuit before leaving factory.This series
should be tested under load(see Figure 1).
If you want to further decrease the input/output ripple,you can increase
capacitance properly or choose capacitors with low ESR.However,the
capacitance of the output filter capacitor must be proper.If the capacitance
is too big,a startup problem might arise.For every channel of output,provided
the safe and reliable operation is ensured,the greatest capacitance of its
filter capacitor sees (Table 1).General:
Cin: 10μF-47μF
Cout: 10μF/100mA
CTRL Terminal
When open or high impedance,the converter work well; When this pin is
‘high’; the converter shutdown; It should be note that the input current (Ic)
should between 5-10mA, exceeding the maximum 20mA will cause
permanence damage to the converter.
The value of R Can be derived as follows :
Input current
While using unstable power source,please ensure the output voltage and
ripple voltage do not exceed indexes of the converter.The preceding power
source must be able to provide for converter sufficient starting current
Ip(Figure 2).
General:Ip≤1.6*Iin-max
No parallel connection or plug and play
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
Output Graph
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph


Similar Part No. - 10B2415ZMD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
10B DIOTEC-10B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Aeroflex Circuit Techno...
10B-2001 AEROFLEX-10B-2001 Datasheet
85Kb / 2P
   Military-Grade 10BASE-T interface module
logo
Pulse A Technitrol Comp...
10B-2001 PULSE-10B-2001 Datasheet
552Kb / 3P
   MILITARY GRADE 10BASE-T INTERFACE MODULE
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
   POLYESTER ELASTIC
logo
STMicroelectronics
10B1 STMICROELECTRONICS-10B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
More results

Similar Description - 10B2415ZMD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB1203S-10WR3 MORNSUN-VRB1203S-10WR3 Datasheet
877Kb / 5P
   10W, wide input, isolated & regulated single output, SIP package, DC-DC converter
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
   10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URB2403S-10WR3 MORNSUN-URB2403S-10WR3 Datasheet
879Kb / 5P
   10W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
GAPTEC Electronic GmbH ...
10DCPE GAPTEC-10DCPE Datasheet
695Kb / 6P
   10W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
MORNSUN Science& Techno...
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com