Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A0515XSR Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2A0515XSR
Description  FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A0515XSR Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2A0515XSR Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A0515XSR Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2A
2A-X
-XSR
SR S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current
Nomi
nal
Range
Max
Min
2A0503XSR
5
4.75-5.25
±3.3
±150
±15
69
100
2A0505XSR
5
4.75-5.25
±5
±200
±20
70
55
2A0509XSR
5
4.75-5.25
±9
±100
±10
62
67
2A0512XSR
5
4.75-5.25
±12
±83
±9
64
67
2A0515XSR
5
4.75-5.25
±15
±67
±7
65
200
2A1205XSR
12
11.4-12.6
±5
±150
±15
70
83
2A1209XSR
12
11.4-12.6
±9
±100
±10
63
91
2A1212XSR
12
11.4-12.6
±12
±83
±9
65
91
2A1215XSR
12
11.4-12.6
±15
±67
±7
68
200
2A2405XSR
24
22.8-25.2
±5
±150
±15
70
83
2A2409XSR
24
22.8-25.2
±9
±100
±10
63
100
2A2412XSR
24
22.8-25.2
±12
±83
±9
67
200
2A2415XSR
24
22.8-25.2
±15
±67
±7
69
91
MODEL
MODEL SELECTION
SELECTION
2A
2A
05
05
05
05
X
X
S
S
R
R
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
Regulated output
MICRODC R ESERVES THE COPYRIGHT
FIXED INPUT,ISOLATED&REGULATED Dual Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP Package
Wide temperature performance at full
2 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Small Footprint
Industry standard pinout
Power sharing on output
1KVDC isolation
3.3V,5V,9V,12V and 15V output
Internal SMD construction
No external components required
MTTF up to 1.5 million hours
APPLICATIONS
APPLICATIONS
The 2A_XSR series are specially designed
for applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) where the voltage of the input power supply
is fixed (voltage variation ≤±5%);
2) where isolation is necessary between input
and output (isolation voltage≥1000VDC);
3) where the regulation of the output voltage
and the output ripple noise are demanded.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.2
2
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
20
30
MV p-p
Output Noise*
20MHz Bandwidth
75
150
MV p-p
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - 2A0515XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A0515XS MICRODC-2A0515XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A0515XS MICRODC-2A0515XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A0515XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IA-XS-2W MICRODC-IA-XS-2W Datasheet
682Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IA-XS-1W MICRODC-IA-XS-1W Datasheet
671Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com