Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6A1
Description  Low cost construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6A1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50 60
75
100
125
150
175
20
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
100
10
1
0.1
1.0
10
100
T =100 C
j
o
T =25 C
j
o
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
1000
100
10
1.0
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
Standard P.C.Board
Mounting
P.C.Board
60 Hz Resistive or
Inductive Loads
Ground Plane
1 x1 Copper
Surface Area
P.C. Board
Recommended P.C. Board
Mounteng.
FIG.6-TYPICAL THERMAL RESISTANCE
VS LEAD LENGTH
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
Single Lead to heat Sink,
Insignificant Heat Flow
Through Other Lead
Both Leads to Heat Sink,
Equal Length
1
2
4
6 8 10
20
40
60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
1 Cycle
400
300
200
100
EQUAL LEAD LENGTH TO HEAT SINK(IN.)
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
6A05-6A10
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 6A1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A1 RECTRON-6A1 Datasheet
24Kb / 2P
   SILICON RECTIFIER
logo
Shanghai Shunye Electro...
6A1 SHUNYE-6A1 Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
6A1 UNIOHM-6A1 Datasheet
68Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
6A1 TAYCHIPST-6A1 Datasheet
971Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results

Similar Description - 6A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR101 ETC2-FR101 Datasheet
118Kb / 2P
   Low cost construction
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   Low cost construction
logo
List of Unclassifed Man...
BA157 ETC2-BA157 Datasheet
117Kb / 2P
   Low cost construction
1N5400 ETC2-1N5400 Datasheet
177Kb / 2P
   Low cost construction
BY251 ETC2-BY251 Datasheet
174Kb / 2P
   Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
   Low cost construction
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
   Low mass, rugged construction
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com