Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC138 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74AC138
Description  1-of-8 Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC138 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74AC138 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 10Page - Hitachi Semiconductor HD74AC138 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-16DA
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
18
16
9
5.00
5.30 Max
0.65 Max
1.0
0.20
± 0.06
+ 0.08
– 0.07
*0.22


Similar Part No. - HD74AC138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC138 RENESAS-HD74AC138 Datasheet
158Kb / 12P
   1-of-8 Decoder/Demultiplexer
Jul.16.2004
HD74AC138AFPEL RENESAS-HD74AC138AFPEL Datasheet
159Kb / 12P
   1-of-8 Decoder/Demultiplexer
HD74AC138AFPEL RENESAS-HD74AC138AFPEL Datasheet
158Kb / 12P
   1-of-8 Decoder/Demultiplexer
Jul.16.2004
HD74AC138AP RENESAS-HD74AC138AP Datasheet
159Kb / 12P
   1-of-8 Decoder/Demultiplexer
HD74AC138AP RENESAS-HD74AC138AP Datasheet
158Kb / 12P
   1-of-8 Decoder/Demultiplexer
Jul.16.2004
More results

Similar Description - HD74AC138

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com