Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC04 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74AC04
Description  Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC04 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74AC04 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC04 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74AC04
2
AC Characteristics
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
4.5
9.0
1.0
10.0
ns
5.0
1.0
4.0
7.0
1.0
7.5
Propagation delay
t
PHL
3.3
1.0
4.5
8.5
1.0
9.5
ns
5.0
1.0
3.5
6.5
1.0
7.0
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
30.0
pF
V
CC = 5.0 V


Similar Part No. - HD74AC04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC04 RENESAS-HD74AC04 Datasheet
105Kb / 7P
   Hex Inverter
HD74AC04FPEL RENESAS-HD74AC04FPEL Datasheet
105Kb / 7P
   Hex Inverter
HD74AC04FPEL RENESAS-HD74AC04FPEL Datasheet
123Kb / 9P
   Hex Inverter
HD74AC04P RENESAS-HD74AC04P Datasheet
105Kb / 7P
   Hex Inverter
HD74AC04P RENESAS-HD74AC04P Datasheet
123Kb / 9P
   Hex Inverter
More results

Similar Description - HD74AC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com