Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 37 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 37 page
background image
HD44780U
37
Power Supply for Liquid Crystal Display Drive
Various voltage levels must be applied to pins V1 to V5 of the HD44780U to obtain the liquid crystal
display drive waveforms. The voltages must be changed according to the duty factor (Table 10).
VLCD is the peak value for the liquid crystal display drive waveforms, and resistance dividing provides
voltages V1 to V5 (Figure 21).
Table 10
Duty Factor and Power Supply for Liquid Crystal Display Drive
Duty Factor
1/8, 1/11
1/16
Bias
Power Supply
1/4
1/5
V1
V
CC–1/4 VLCD
V
CC–1/5 VLCD
V2
V
CC–1/2 VLCD
V
CC–2/5 VLCD
V3
V
CC–1/2 VLCD
V
CC–3/5 VLCD
V4
V
CC–3/4 VLCD
V
CC–4/5 VLCD
V5
V
CC–VLCD
V
CC–VLCD
VCC
V1
V4
V5
V2
V3
VCC
V1
V2
V3
V4
V5
R
R
R
R
VR
–5 V
VCC (+5 V)
–5 V
VCC (+5 V)
R
R
R
R
R
VR
VLCD
VLCD
1/4 bias
(1/8, 1/11 duty cycle)
1/5 bias
(1/16, duty cycle)
Figure 21 Drive Voltage Supply Example




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl