Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 25 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 25 page
background image
HD44780U
25
Table 6
Instructions (cont)
Code
Execution Time
(max) (when f
cp or
Instruction RS
R/
W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Description
f
OSC is 270 kHz)
Write data
to CG or
DDRAM
1
0
Write data
Writes data into DDRAM or
CGRAM.
37
µs
t
ADD = 4 µs*
Read data
from CG or
DDRAM
1
1
Read data
Reads data from DDRAM or
CGRAM.
37
µs
t
ADD = 4 µs*
I/D
= 1:
Increment
I/D
= 0:
Decrement
S
= 1:
Accompanies display shift
S/C = 1:
Display shift
S/C = 0:
Cursor move
R/L = 1:
Shift to the right
R/L = 0:
Shift to the left
DL
= 1:
8 bits, DL = 0: 4 bits
N
= 1:
2 lines, N = 0: 1 line
F
= 1:
5
× 10 dots, F = 0: 5 × 8 dots
BF
= 1:
Internally operating
BF
= 0:
Instructions acceptable
DDRAM: Display data RAM
CGRAM: Character generator
RAM
ACG:
CGRAM address
ADD:
DDRAM address
(corresponds to cursor
address)
AC: Address counter used for
both DD and CGRAM
addresses
Execution time
changes when
frequency changes
Example:
When f
cp or fOSC is
250 kHz,
37
µs ×
= 40
µs
270
250
Note:
— indicates no effect.
*
After execution of the CGRAM/DDRAM data write or read instruction, the RAM address counter
is incremented or decremented by 1. The RAM address counter is updated after the busy flag
turns off. In Figure 10, t
ADD is the time elapsed after the busy flag turns off until the address
counter is updated.
Busy state
Busy signal
(DB7 pin)
Address counter
(DB0 to DB6 pins)
t ADD
A
A + 1
Note: t
depends on the operation frequency
t
= 1.5/(f
or f
) seconds
ADD
ADD
cp
OSC
Figure 10 Address Counter Update




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl