Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 24 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 24 page
background image
HD44780U
24
Normally, instructions that perform data transfer with internal RAM are used the most. However, auto-
incrementation by 1 (or auto-decrementation by 1) of internal HD44780U RAM addresses after each data
write can lighten the program load of the MPU. Since the display shift instruction (Table 11) can perform
concurrently with display data write, the user can minimize system development time with maximum
programming efficiency.
When an instruction is being executed for internal operation, no instruction other than the busy flag/address
read instruction can be executed.
Because the busy flag is set to 1 while an instruction is being executed, check it to make sure it is 0 before
sending another instruction from the MPU.
Note:
Be sure the HD44780U is not in the busy state (BF = 0) before sending an instruction from the
MPU to the HD44780U. If an instruction is sent without checking the busy flag, the time between
the first instruction and next instruction will take much longer than the instruction time itself. Refer
to Table 6 for the list of each instruc-tion execution time.
Table 6
Instructions
Code
Execution Time
(max) (when f
cp or
Instruction RS
R/
W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Description
f
OSC is 270 kHz)
Clear
display
0
0
0
0
0000
01
Clears entire display and
sets DDRAM address 0 in
address counter.
Return
home
0
0
0
0
0000
1—
Sets DDRAM address 0 in
address counter. Also
returns display from being
shifted to original position.
DDRAM contents remain
unchanged.
1.52 ms
Entry
mode set
0
0
0
0
0001
I/D
S
Sets cursor move direction
and specifies display shift.
These operations are
performed during data write
and read.
37
µs
Display
on/off
control
0
0
0
0
001D
C
B
Sets entire display (D) on/off,
cursor on/off (C), and
blinking of cursor position
character (B).
37
µs
Cursor or
display
shift
0
0
0
0
0
1
S/C
R/L
Moves cursor and shifts
display without changing
DDRAM contents.
37
µs
Function
set
0
0
0
0
1
DL
N
F
Sets interface data length
(DL), number of display lines
(N), and character font (F).
37
µs
Set
CGRAM
address
0
0
0
1
ACG ACG ACG ACG ACG ACG Sets CGRAM address.
CGRAM data is sent and
received after this setting.
37
µs
Set
DDRAM
address
0
0
1
ADD ADD ADD ADD ADD ADD ADD Sets DDRAM address.
DDRAM data is sent and
received after this setting.
37
µs
Read busy
flag &
address
0
1
BF
AC
AC
AC
AC
AC
AC
AC
Reads busy flag (BF)
indicating internal operation
is being performed and
reads address counter
contents.
0
µs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl