Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 16 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 16 page
background image
HD44780U
16
 Handling unused character patterns
1. EPROM data outside the character pattern area: Always input 0s.
2. EPROM data in CGRAM area: Always input 0s. (Input 0s to EPROM addresses 00H to FFH.)
3. EPROM data used when the user does not use any HD44780U character pattern: According to the user
application, handled in one of the two ways listed as follows.
a. When unused character patterns are not programmed: If an unused character code is written into
DDRAM, all its dots are lit. By not programing a character pattern, all of its bits become lit. (This is
due to the EPROM being filled with 1s after it is erased.)
b. When unused character patterns are programmed as 0s: Nothing is displayed even if unused
character codes are written into DDRAM. (This is equivalent to a space.)
Table 3
Example of Correspondence between EPROM Address Data and Character Pattern
(5
× 10 Dots)
A 1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
Data
O 4 O3 O2 O1 O0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
0
1
0
EPROM Address
Character code
Line
position
LSB
0
1
0
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
0
0
1
1
1
0
0
0
1
1
0
0
0
1
0
0
0
0
A11
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
1
0
0
0
Cursor position
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
1
1
1
1
Notes: 1. EPROM addresses A11 to A3 correspond to a character code.
2. EPROM addresses A3 to A0 specify a line position of the character pattern.
3. EPROM data O4 to O0 correspond to character pattern data.
4. EPROM data O5 to O7 must be specified as 0.
5. A lit display position (black) corresponds to a 1.
6. Line 11 and the following lines must be blanked with 0s for a 5
× 10 dot character fonts.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl