Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 12 page
background image
HD44780U
12
 Case 2: For a 16-character × 2-line display, the HD44780 can be extended using one 40-output
extension driver. See Figure 6.
When display shift operation is performed, the DDRAM address shifts. See Figure 6.
DDRAM
address
Display
position
1
234
5678
9 10 11 12 13 14 15 16
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
For
shift left
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E
27
40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F
HD44780U display
Extension driver
display
02
01
03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10
For
shift right
41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50
40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E
67
Figure 6 2-Line by 16-Character Display Example




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl