Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 52 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 52 page
background image
HD44780U
52
AC Characteristics (V
CC = 4.5 to 5.5 V, Ta = –30 to +75°C*
3)
Clock Characteristics
Item
Symbol Min
Typ
Max
Unit
Test Condition Notes*
External
External clock frequency
f
cp
125
250
350
kHz
11
clock
External clock duty
Duty
45
50
55
%
11
operation
External clock rise time
t
rcp
0.2
µs11
External clock fall time
t
fcp
0.2
µs11
R
f
oscillation
Clock oscillation frequency f
OSC
190
270
350
kHz
R
f = 91 kΩ
V
CC = 5.0 V
12
Note:
*
Refer to the Electrical Characteristics Notes section following these tables.
Bus Timing Characteristics
Write Operation
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Enable cycle time
t
cycE
500
ns
Figure 25
Enable pulse width (high level)
PW
EH
230
Enable rise/fall time
t
Er, t Ef
——
20
Address set-up time (RS, R/
W to E) t
AS
40
Address hold time
t
AH
10
Data set-up time
t
DSW
80
Data hold time
t
H
10
Read Operation
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Enable cycle time
t
cycE
500
ns
Figure 26
Enable pulse width (high level)
PW
EH
230
Enable rise/fall time
t
Er, t Ef
——
20
Address set-up time (RS, R/
W to E) t
AS
40
Address hold time
t
AH
10
Data delay time
t
DDR
160
Data hold time
t
DHR
5—




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl