Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD44780 Datasheet(PDF) 48 Page - Hitachi Semiconductor

Part No. HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 48 page
background image
HD44780U
48
DC Characteristics (V
CC = 2.7 to 4.5 V, Ta = –30 to +75°C*
3)
Item
Symbol
Min
Typ
Max
Unit
Test Condition Notes*
Input high voltage (1)
(except OSC1)
VIH1
0.7V
CC
—V
CC
V6
Input low voltage (1)
(except OSC1)
VIL1
–0.3
0.55
V
6
Input high voltage (2)
(OSC1)
VIH2
0.7V
CC
—V
CC
V15
Input low voltage (2)
(OSC1)
VIL2
0.2V
CC
V15
Output high voltage (1)
(DB0–DB7)
VOH1
0.75V
CC
——
V
–I
OH = 0.1 mA
7
Output low voltage (1)
(DB0–DB7)
VOL1
0.2V
CC
VI
OL = 0.1 mA
7
Output high voltage (2)
(except DB0–DB7)
VOH2
0.8V
CC
——
V
–I
OH = 0.04 mA
8
Output low voltage (2)
(except DB0–DB7)
VOL2
0.2V
CC
VI
OL = 0.04 mA
8
Driver on resistance
(COM)
R
COM
2
20
k
Ω±Id = 0.05 mA,
VLCD = 4 V
13
Driver on resistance
(SEG)
R
SEG
2
30
k
Ω±Id = 0.05 mA,
VLCD = 4 V
13
Input leakage current
I
LI
–1
1
µA
VIN = 0 to V
CC
9
Pull-up MOS current
(DB0–DB7, RS, R/
W)
–I
p
10
50
120
µAV
CC = 3 V
Power supply current
I
CC
150
300
µAR
f oscillation,
external clock
V
CC = 3 V,
f
OSC = 270 kHz
10, 14
LCD voltage
VLCD1
3.0
11.0
V
V
CC–V5, 1/5 bias
16
VLCD2
3.0
11.0
V
V
CC–V5, 1/4 bias
16
Note:
*
Refer to the Electrical Characteristics Notes section following these tables.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl