Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM8531 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCM8531
Description  MCU Embedded and Configurable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCM8531 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCM8531 Datasheet HTML 1Page - Fairchild Semiconductor FCM8531 Datasheet HTML 2Page - Fairchild Semiconductor FCM8531 Datasheet HTML 3Page - Fairchild Semiconductor FCM8531 Datasheet HTML 4Page - Fairchild Semiconductor FCM8531 Datasheet HTML 5Page - Fairchild Semiconductor FCM8531 Datasheet HTML 6Page - Fairchild Semiconductor FCM8531 Datasheet HTML 7Page - Fairchild Semiconductor FCM8531 Datasheet HTML 8Page - Fairchild Semiconductor FCM8531 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FCM8531
• Rev. 1.0.2
3
Block Diagram
10-bit
ADC
PWM Engine
MSFR
Angle Predictor
Flash PM
(12KB)
Clock
Generator
Power
Management
Unit
P02 / U
DVDD
SRAM DM
(1K)
2.5V
Monitor Bus
fSYS
V25
AMC
Fault
8-bit
DAC
ADC3 / AOUT
24
23
27
28
29
30
31
32
P03 / X
P04 / V
P05 / Y
P06 / W
P07 / Z
1
P10 / RX
2
P11 / TX
P12 / SCL 3
4
5
6
7
8
P13 / SDA
P14 / SPSSN
P15 / MOSI
P16 / MISO
P17 / SCK
9
10
11
P24 / CC0
P25 / CC1
P26 / CC2
16
ADC0
18
VC
13
VB
14
VA
15
IC
19
IB
20
IA
21
Short
OC
Protection
MUX
VPP
26
RST
12
AVSS
17
DVSS
25
Embedded MCU
MCS-51
Core
MDU
SFR
UART
OCDS
ISP
SPI
WDT
I
2C
TIMER
IBIAS
AVDD
22
AVDD
POR
SLEEP
UVWXYZ
D
A
Configurable Processing
Core
Figure 2.
Block Diagram
Marking Information
F ZXYTT
FCM8531
TPM
F- Fairchild Logo
Z- Plant Code
X-1-Digit Year Code
Y- 1-Digit Week Code
TT: 2-Digit Die Run Code
T:Package Type (Q=LQFP)
P: Y=Green Package
M: Die Run Code
Figure 3.
FCM8531 Top Mark
F ZXYTT
FCM8531R
TPM
F- Fairchild Logo
Z- Plant Code
X-1-Digit Year Code
Y- 1-Digit Week Code
TT: 2-Digit Die Run Code
R: UL60730 Certification
T:Package Type (Q=LQFP)
P: Y=Green Package
M: Die Run Code
Figure 4.
FCM8531R Top Mark


Similar Part No. - FCM8531

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
   MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
FCM8531QY OMRON-FCM8531QY Datasheet
985Kb / 20P
   MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
More results

Similar Description - FCM8531

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
   MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
Hynix Semiconductor
HMS39C7092 HYNIX-HMS39C7092 Datasheet
1Mb / 199P
   Embedded Flash MCU
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
   8-bit MCU with Embedded EEPROM
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
STMicroelectronics
L9813 STMICROELECTRONICS-L9813 Datasheet
58Kb / 5P
   SUPER SMART MIRROR WITH EMBEDDED MCU
logo
Cypress Semiconductor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com