Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD44780UA02TF Datasheet(PDF) 45 Page - Hitachi Semiconductor

Part # HD44780UA02TF
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780UA02TF Datasheet(HTML) 45 Page - Hitachi Semiconductor

Back Button HD44780UA02TF Datasheet HTML 41Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 42Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 43Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 44Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 45Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 46Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 47Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 48Page - Hitachi Semiconductor HD44780UA02TF Datasheet HTML 49Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
HD44780U
45
Initializing by Instruction
If the power supply conditions for correctly operating the internal reset circuit are not met, initialization by
instructions becomes necessary.
Refer to Figures 23 and 24 for the procedures on 8-bit and 4-bit initializations, respectively.
Power on
Wait for more than 15 ms
after VCC rises to 4.5 V
Wait for more than 4.1 ms
Wait for more than 100
µs
RS
0
R/W
0
DB7
0
DB6
0
DB5
1
DB4
1
DB3DB2 DB1 DB0
****
RS
0
R/W
0
DB7
0
DB6
0
DB5
1
DB4
1
DB3 DB2 DB1 DB0
****
RS
0
R/W
0
DB7
0
DB6
0
DB5
1
DB4
1
DB3 DB2 DB1
***
DB0
*
RS
0
R/W
0
DB7
0
DB6
0
DB5
1
DB4
1
DB3
N
DB2
F
DB1 DB0
**
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
I/D
0
1
S
Initialization ends
BF cannot be checked before this instruction.
Function set (Interface is 8 bits long.)
BF cannot be checked before this instruction.
Function set (Interface is 8 bits long.)
BF cannot be checked before this instruction.
Function set (Interface is 8 bits long.)
BF can be checked after the following instructions.
When BF is not checked, the waiting time between
instructions is longer than the execution instuction
time. (See Table 6.)
Function set (Interface is 8 bits long. Specify the
number of display lines and character font.)
The number of display lines and character font
cannot be changed after this point.
Display off
Display clear
Entry mode set
Wait for more than 40 ms
after VCC rises to 2.7 V
Figure 23 8-Bit Interface


Similar Part No. - HD44780UA02TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD44780UA02TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com