Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD44780UA00TF Datasheet(PDF) 16 Page - Hitachi Semiconductor

Part # HD44780UA00TF
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780UA00TF Datasheet(HTML) 16 Page - Hitachi Semiconductor

Back Button HD44780UA00TF Datasheet HTML 12Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 13Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 14Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 15Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 16Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 17Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 18Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 19Page - Hitachi Semiconductor HD44780UA00TF Datasheet HTML 20Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
HD44780U
16
 Handling unused character patterns
1. EPROM data outside the character pattern area: Always input 0s.
2. EPROM data in CGRAM area: Always input 0s. (Input 0s to EPROM addresses 00H to FFH.)
3. EPROM data used when the user does not use any HD44780U character pattern: According to the user
application, handled in one of the two ways listed as follows.
a. When unused character patterns are not programmed: If an unused character code is written into
DDRAM, all its dots are lit. By not programing a character pattern, all of its bits become lit. (This is
due to the EPROM being filled with 1s after it is erased.)
b. When unused character patterns are programmed as 0s: Nothing is displayed even if unused
character codes are written into DDRAM. (This is equivalent to a space.)
Table 3
Example of Correspondence between EPROM Address Data and Character Pattern
(5
× 10 Dots)
A 1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
Data
O 4 O3 O2 O1 O0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
0
1
0
EPROM Address
Character code
Line
position
LSB
0
1
0
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
0
0
1
1
1
0
0
0
1
1
0
0
0
1
0
0
0
0
A11
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
1
0
0
0
Cursor position
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
1
1
1
1
Notes: 1. EPROM addresses A11 to A3 correspond to a character code.
2. EPROM addresses A3 to A0 specify a line position of the character pattern.
3. EPROM data O4 to O0 correspond to character pattern data.
4. EPROM data O5 to O7 must be specified as 0.
5. A lit display position (black) corresponds to a 1.
6. Line 11 and the following lines must be blanked with 0s for a 5
× 10 dot character fonts.


Similar Part No. - HD44780UA00TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD44780UA00TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com