Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD49235 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD49235
Description  Digital Signal Processor for CD
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD49235 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD49235 Datasheet HTML 1Page - Hitachi Semiconductor HD49235 Datasheet HTML 2Page - Hitachi Semiconductor HD49235 Datasheet HTML 3Page - Hitachi Semiconductor HD49235 Datasheet HTML 4Page - Hitachi Semiconductor HD49235 Datasheet HTML 5Page - Hitachi Semiconductor HD49235 Datasheet HTML 6Page - Hitachi Semiconductor HD49235 Datasheet HTML 7Page - Hitachi Semiconductor HD49235 Datasheet HTML 8Page - Hitachi Semiconductor HD49235 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
HD49235FS
Rev.2, Aug. 1995, page 5 of 41
Pin Description (cont)
Pin
Polarity
No. Symbol
Name
I/O*
Connection
Function
H
L
45
NC
No connection —
Open
Not connected
46
NC
No connection —
Open
Not connected
47
NC
No connection —
Open
Not connected
48
NC
No connection —
Open
Not connected
49
NC
No connection —
Open
Not connected
50
NC
No connection —
Open
Not connected
51
NC
No connection —
Open
Not connected
52
V
DD (D)
V
DD (digital)
Digital power supply
53
NC
No connection —
Open or V
DD
Not connected
54
PLLCK
PLL clock
O
PLL clock output monitor
55
MRST
Master reset
IU
Open or V
DD
Master reset of chip
Reset
56
TEST1
TEST 1
IU
Open or V
DD
Test pin
57
PDOUT2 Phase detect
out 2
TO
External RC
circuit
PLL auto-adjust phase
detector output
58
V
SS (A)
V
SS (analog)
Analog ground
59
AC
Amp
compensation
AExternal RC
circuit
Amplifier phase compensation
pin
60
AMPO
Amp output
AO
External RC
circuit
PLL amplifier output
61
AMPM
Amp minus
input
AI
External RC
circuit
PLL amplifier inverting input
62
AMPP
Amp plus input AI
External RC
circuit
PLL amplifier non-inverting
input
63
V
DD (A)
V
DD (analog)
Analog power supply
64
PDOUT1 Phase detect
out 1
TO
External RC
circuit
PLL EFM phase detector
output
65
QDSEL
Q-data clock
select
IU
Q data readout mode
switching signal input
Internal
sync
External
sync
66
DSLCO
DSL control
output
OExternal RC
circuit
EFM comparator slice level
control output
67
DSLCI
DSL control
input
AI
External RC
circuit
EFM comparator slice level
control input
68
EFMI
EFM signal
input
AI
EFM signal input
69
DEFCT
Defect
I
Servo IC
Defect detection signal input
Defect
70
TEST2
TEST 2
IU
Open or V
DD
Test pin


Similar Part No. - HD49235

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD49227FS HITACHI-HD49227FS Datasheet
216Kb / 7P
   RAM CONTROLLER FOR DATA/DAT
More results

Similar Description - HD49235

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
   CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
   CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com